Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-059 Datasheet(PDF) 18 Page - Littelfuse

Part # 913-059
Description  POWR-BLOK??Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

913-059 Datasheet(HTML) 18 Page - Littelfuse

Back Button 913-059 Datasheet HTML 14Page - Littelfuse 913-059 Datasheet HTML 15Page - Littelfuse 913-059 Datasheet HTML 16Page - Littelfuse 913-059 Datasheet HTML 17Page - Littelfuse 913-059 Datasheet HTML 18Page - Littelfuse 913-059 Datasheet HTML 19Page - Littelfuse 913-059 Datasheet HTML 20Page - Littelfuse 913-059 Datasheet HTML 21Page - Littelfuse 913-059 Datasheet HTML 22Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
17
www.littelfuse.com
© 2012 Littelfuse • Transportation Products Catalog Excerpt
Power Distribution Centers
TERMINAL TYPE 1
Terminal Loks
Description
Wire Diam.
Type of terminal loks
For part number: 354501 / 354502 / 354503
0.50 - 2 mm2
4
For part number: 354501 / 354502 / 354503
0.50 - 2 & 3.3 - 5.3 mm2
5
For part number: 354501 / 354502
0.50 - 2 mm2
6
For part number: 354502
0.50 - 2 mm2
7
Ratings
Part Number
Description
Wire Diam.
Material
913-070 (Reeled per 2200 pcs)
Heavy Duty + spring clip*
0.5-0.8 mm² / 18-20AWG
Brass
0913070001 (Single per 250 pcs)
0.5-0.8 mm² / 18-20AWG
913-071 (Reeled per 2200 pcs)
Heavy Duty + spring clip*
1.33-2.09 mm² / 14-16AWG
Brass
913-071XS (Reeled per 2200 pcs)
1.33-2.09 mm² / 14-16AWG
Silver plated copper
0913071001 (Single per 250 pcs)
Heavy Duty + spring clip*
1.33-2.09 mm² / 14-16AWG
Brass
913-072 (Reeled per 2200 pcs)
3.32-5.37 mm² / 10-12AWG
913-072XS (Reeled per 2200 pcs)
Heavy Duty + spring clip*
3.32-5.37 mm² / 10-12AWG
Silver plated copper
0913072001 (Single per 250 pc)
3.32-5.37 mm² / 10-12AWG
Brass
913-058 (Reeled per 4500 pcs)
Standard Duty
0.5-0.8 mm² / 18-20AWG
Brass
0913058001 (Single per 250 pcs)
0.5-0.8 mm² / 18-20AWG
913-059 (Reeled per 4500 pcs)
Standard Duty
1.33-2.09 mm² / 14-16AWG
Brass
0913059001 (Single per 250 pcs)
1.33-2.09 mm² / 14-16 AWG
913-060 (Reeled per 4500 pcs)
Standard Duty
3.32-5.37 mm² / 10-12AWG
Brass
0913060001 (Single per 250 pcs)
3.32-5.37 mm² / 10-12AWG
* Spring clip material:
Stainless steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com