Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-059 Datasheet(PDF) 23 Page - Littelfuse

Part # 913-059
Description  POWR-BLOK??Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

913-059 Datasheet(HTML) 23 Page - Littelfuse

Back Button 913-059 Datasheet HTML 16Page - Littelfuse 913-059 Datasheet HTML 17Page - Littelfuse 913-059 Datasheet HTML 18Page - Littelfuse 913-059 Datasheet HTML 19Page - Littelfuse 913-059 Datasheet HTML 20Page - Littelfuse 913-059 Datasheet HTML 21Page - Littelfuse 913-059 Datasheet HTML 22Page - Littelfuse 913-059 Datasheet HTML 23Page - Littelfuse 913-059 Datasheet HTML 24Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
22
© 2012 Littelfuse • Transportation Products Catalog Excerpt
www.littelfuse.com
Power Distribution Centers
STARTER TERMINALS
Description
The starter terminal series are cable lugs for heavy-duty
applications such as starter motors and battery connections.
Ratings
Part Number
mm2
Mounting Hole
Width (mm)
Material
Plating
Ref.
09130633LXN (50 pcs)
2.5-6.0
6.5 mm
11
Cu
Sn
2906
09130633Z (1250 pcs)
09130634LXN (50 pcs)
6.0-15
8.4 mm
15
Cu
Sn
2910
09130634Z (600 pcs)
09130635LXN (50 pcs)
10 -25
8.4 mm
15
Cu
Sn
2916
09130635Z (400 pcs)
09130636LXN (50 pcs)
16-35
10.5 mm
19
Cu
Sn
29025
09130636Z (200 pcs)
09130637LXN (50 pcs)
25-50
10.5 mm
19
Cu
Sn
29035
09130637Z (150 pcs)
09130638LXN (50 pcs)
35-70
10.5 mm
19
Cu
Sn
29050
09130638Z (100 pcs)
09130639LXN (50 pcs)
50-95
13.5 mm
22
Cu
Sn
29070
09130639Z (50 pcs)
09130640LXN (50 pcs)
16
6.4 mm
11
Cu
Sn
2916 HK
09130640Z (600 pcs)
09130641LXN (50 pcs)
25
8.4 mm
15
Cu
Sn
29025 HK
09130641Z (300 pcs)
09130642LXN (50 pcs)
35
8.4 mm
15
Cu
Sn
29035 HK (8.4)
09130642Z (200 pcs)
09130643LXN (50 pcs)
35
10.5 mm
19
Cu
Sn
29035 HK (10.5)
09130643Z (150 pcs)
09130644LXN (50 pcs)
50
8.4 mm
17
Cu
Sn
29050 HK (8.4)
09130644Z (100 pcs)
09130645LXN (50 pcs)
50
10.5 mm
19
Cu
Sn
29050 HK (10.5)
09130645Z (125 pcs)
09130646LXN (50 pcs)
70
10.5 mm
21
Cu
Sn
29070 HK
09130646Z (75 pcs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com