Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-059 Datasheet(PDF) 3 Page - Littelfuse

Part # 913-059
Description  POWR-BLOK??Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

913-059 Datasheet(HTML) 3 Page - Littelfuse

  913-059 Datasheet HTML 1Page - Littelfuse 913-059 Datasheet HTML 2Page - Littelfuse 913-059 Datasheet HTML 3Page - Littelfuse 913-059 Datasheet HTML 4Page - Littelfuse 913-059 Datasheet HTML 5Page - Littelfuse 913-059 Datasheet HTML 6Page - Littelfuse 913-059 Datasheet HTML 7Page - Littelfuse 913-059 Datasheet HTML 8Page - Littelfuse 913-059 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2
© 2012 Littelfuse • Transportation Products Catalog Excerpt
www.littelfuse.com
Power Distribution Centers
2-POSITION ATO® STYLE FUSE AND CIRCUIT BREAKER MODULE
4-POSITION ATO® STYLE FUSE AND CIRCUIT BREAKER MODULE
Ratings
Part Number
Max. Current Indication
Terminals
(see according section)
Terminal Loks
(see according section)
03540501Z (40 pcs.)
60A
Type 1 or 7
Type 4, 5 or 6
Ratings
Part Number
Max. Current Indication
Terminals
(see according section)
Terminal Loks
(see according section)
03540502Z (20 pcs.)
120A
Type 1 or 7
Type 4, 5, 6 or 7
Dimensions
Dimensions in mm
Dimensions
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com