Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-059 Datasheet(PDF) 2 Page - Littelfuse

Part # 913-059
Description  POWR-BLOK??Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

913-059 Datasheet(HTML) 2 Page - Littelfuse

  913-059 Datasheet HTML 1Page - Littelfuse 913-059 Datasheet HTML 2Page - Littelfuse 913-059 Datasheet HTML 3Page - Littelfuse 913-059 Datasheet HTML 4Page - Littelfuse 913-059 Datasheet HTML 5Page - Littelfuse 913-059 Datasheet HTML 6Page - Littelfuse 913-059 Datasheet HTML 7Page - Littelfuse 913-059 Datasheet HTML 8Page - Littelfuse 913-059 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
www.littelfuse.com
© 2012 Littelfuse • Transportation Products Catalog Excerpt
Power Distribution Centers
POWR-BLOK™ MODULES
Description
The Littelfuse POWR-BLOKS™ system gives you unlimited
flexibility to design electrical distribution systems. It’s a totally
modular way to build your own junction box. POWR-BLOKS are
perfect for applications where space or vehicle function demand a
tailor made approach. The Littelfuse POWR-BLOKS can be
modified, re-sized, reconfigured or added to at any time.
Mechanical Strength for Any Application
POWR-BLOKS modules are molded from glass reinforced nylon
for dimensional stability, excellent rigidity, high and low
temperature resistance and tensile strength:
Specifications
Test
POWR-BLOKS™ Standard
Voltage Rating
48VDC
Temperature range
-40°C to +125°C
Durability
Minimum 50 cycles of engagement/
disengagement
Drop
1.22 meters onto wooden platform
Thermal Shock
5 Cycles from -40°C to +125°C
Mechanical Shock
50g in each of 3 mutually perpendicular axis
Fluid Compatibility
Gasoline, diesel fuel, motor oil, antifreeze,
brake fluid, ATF
*Max. Current Indication
The information listed as Max. current indication is to be used as a
guideline only. The maximum allowable rating of the fuses used
depends on design criteria such as maximum current, nominal
current the duration for which the circuits are energized, as well as
external factors as ambient temperature. All modules should
therefore be tested as an assembly, and users should make their
own evaluation to determine the suitability of the product for their
specific applications.
How to use the Littelfuse
POWR-BLOKS system
1. Identify the electrical system parameters
- Space availability and requirements
- Circuit protection components
- Relay and flasher components
- Components for special needs
2. Select the Littelfuse POWR-BLOKS components. Lay out the
electrical panel as designed. Then determine the appropriate
type and quantity of POWR-BLOKS modules, BLOCK LOKS and
TERMINAL LOKS you need.
3. Build the panel by row. POWR-BLOKS can be assembled
without special tools. Assemble the block from the rear by
placing all modules face down on a flat surface. POWR-BLOKS
should be designed by row, either going across or up and down.
4. Use BLOK LOKS to interconnect modules. BLOK LOKS are used
to connect and stack POWR-BLOKS modules. Press together a
row of modules and insert green BLOK LOKS until they snap into
place. Repeat this procedure to interlock all assembled rows.
5. Add mounting modules. Once a POWR-BLOKS panel is
assembled, add mounting modules that are most suitable for
your application. Mounting options include surface mounting
legs, a side mounting bracket and a mounting module with three
different sized spacers.
6. Plug in terminated wiring. Wire your POWR-BLOKS panel and
plug in the terminated wires, then insert the optional matching
TERMINAL LOKS devices. Littelfuse TERMINAL LOKS are
designed to fit special POWR-BLOKS modules and inserted in
the same manner as BLOK LOKS.
The information and illustrations given in this catalogue are
believed to be reliable and accurate. Littelfuse makes no
warranties as to their accuracy or completeness, and disclaims any
liability in connection with their use. Littelfuse’s only obligations
are those in the standard terms of sale for this product and
Littelfuse will not be liable for any consequential or other damages
arising out of the use or misuse of this product. Littelfuse reserves
the right to make changes to the contents hereof without notice.
It is suggested that at the time of inquiry Littelfuse Sales
personnel be contacted directly for verification of published
specifications and product availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com