Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-059 Datasheet(PDF) 6 Page - Littelfuse

Part # 913-059
Description  POWR-BLOK??Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

913-059 Datasheet(HTML) 6 Page - Littelfuse

Back Button 913-059 Datasheet HTML 2Page - Littelfuse 913-059 Datasheet HTML 3Page - Littelfuse 913-059 Datasheet HTML 4Page - Littelfuse 913-059 Datasheet HTML 5Page - Littelfuse 913-059 Datasheet HTML 6Page - Littelfuse 913-059 Datasheet HTML 7Page - Littelfuse 913-059 Datasheet HTML 8Page - Littelfuse 913-059 Datasheet HTML 9Page - Littelfuse 913-059 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5
www.littelfuse.com
© 2012 Littelfuse • Transportation Products Catalog Excerpt
Power Distribution Centers
Ratings
Part Number
Max. Current Indication
Terminals
(see according section)
Terminal Loks
(see according section)
03540505Z (20 pcs.)
160A
Type 2
Type 8
2-POSITION MAXI™ STYLE FUSE MODULE
4-POSITION MAXI™ STYLE FUSE MODULE
Dimensions
Dimensions in mm
Dimensions
Dimensions in mm
Ratings
Part Number
Max. Current Indication
Terminals
(see according section)
Terminal Loks
(see according section)
03540549Z (40 pcs.)
80A
Type 2
Type 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com