Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-059 Datasheet(PDF) 19 Page - Littelfuse

Part # 913-059
Description  POWR-BLOK??Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

913-059 Datasheet(HTML) 19 Page - Littelfuse

Back Button 913-059 Datasheet HTML 15Page - Littelfuse 913-059 Datasheet HTML 16Page - Littelfuse 913-059 Datasheet HTML 17Page - Littelfuse 913-059 Datasheet HTML 18Page - Littelfuse 913-059 Datasheet HTML 19Page - Littelfuse 913-059 Datasheet HTML 20Page - Littelfuse 913-059 Datasheet HTML 21Page - Littelfuse 913-059 Datasheet HTML 22Page - Littelfuse 913-059 Datasheet HTML 23Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
18
© 2012 Littelfuse • Transportation Products Catalog Excerpt
www.littelfuse.com
Power Distribution Centers
TERMINAL TYPE 2
TERMINAL TYPE 3
Terminal Loks
Description
Wire Diam.
Type of terminal loks
For part number:
354505
0,50 - 2 mm2
8
Terminal Loks
Description
Wire Diam.
Type of terminal loks
For part number:
354506 / 354508 /
354535 / 354536
–
1
For part number:
354505
–
2
Ratings
Part Number
Description
Wire Diam.
Material
913-063 (Reeled per 1200 pcs)
Female 8.0 mm
0.82-1.33 mm² / 18-16AWG
Silver plated brass
0913063001 (Single per 250 pcs)
0.82-1.33 mm² / 18-16AWG
913-064 (Reeled per 1200 pcs)
Female 8.0 mm
2.09-3.32 mm² / 14-12AWG
Silver plated brass
0913064001 (Single per 250 pcs)
2.09-3.32 mm² / 14-12AWG
913-068 (Reeled 1200 pcs)
Female 8.0 mm
5.37mm² / 10AWG
Silver plated brass
0913068001 (Single per 250 pcs)
5.37mm² / 10AWG
Ratings
Part Number
Description
Wire Diam.
Material
913-053 (Reeled per 2000 pcs)
–
0.5-0.8 mm² / 18-20AWG
Tin plated brass
0913053001 (Single per 250 pcs)
0.5-0.8 mm² / 18-20AWG
913-253 (Reeled per 3000 pcs)
–
0.5-1.00 mm² (metric)
Tin plated brass
913-065 (Reeled per 2100 pcs)
–
1.33-2.09 mm² / 14-16AWG
Tin plated brass
0913065001 (Single per 250 pcs)
1.33-2.09 mm² / 14-16AWG
913-265 (Reeled per 2500 pcs)
–
1.1-2.50 mm² (metric)
Tin plated brass
913-055 (Reeled per 1900 pcs)
–
3.32-5.37 mm² / 10-12AWG
Tin plated brass
0913055001 (Single per 250 pcs)
3.32-5.37 mm² / 10-12AWG
913-255 (Reeled per 15000 pcs)
–
4.0-6.0 mm² (metric)
Tin plated brass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com