Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04-I/MF Datasheet(PDF) 2 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 2 Page - Microchip Technology

  25CSM04-I/MF Datasheet HTML 1Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 2Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 3Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 4Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 5Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 6Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 7Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 8Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
25CSM04
DS20005817D-page 2
 2019-2022 Microchip Technology Inc. and its subsidiares
General Description
The Microchip Technology Inc. 25CSM04 provides
4-Mbits of Serial EEPROM utilizing the Serial
Peripheral Interface (SPI) compatible bus. The device
is organized as 524,288 bytes of 8 bits each
(512 Kbyte) and is optimized for use in consumer and
industrial applications where reliable and dependable
nonvolatile
memory
storage
is
essential. The
25CSM04 is capable of operation across a broad
voltage range (2.5V to 5.5V).
The bus signals required are a clock input (SCK) plus
separate data in (SI) and data out (SO) lines. Access to
the device is controlled through a Chip Select (CS)
input. Communication to the device can be paused via
the HOLD pin. While the device is paused, transitions
on its inputs will be ignored, with the exception of Chip
Select, allowing the host to service higher priority
interrupts.
The 25CSM04 features a nonvolatile Security register
independent of the 4 Mbit main memory array. The first
half of the Security register is read-only and contains a
factory-programmed, globally unique 128-bit serial
number in the first 16 bytes. The 128-bit serial number
is unique across the entire CS series of Serial
EEPROM products and eliminates the time consuming
step of performing and ensuring serialization of a
product on a manufacturing line. The 128-bit read-only
serial number is followed by an additional 256 bytes of
user-programmable EEPROM.
The user-programmable section of the Security
register can later be permanently write-protected via a
software sequence.
The 25CSM04 features a configurable write protection
scheme which allows the user to select Legacy Write
Protection mode or Enhanced Write Protection mode.
Legacy Write Protection mode enables the Block
Protection function via the STATUS register. Enhanced
Write Protection mode segments the memory into
independent
partitions.
Each
partition
can
be
configured to inhibit writing based on the status of the
Memory Partition register setting.
For added reliability the 25CSM04 uses a built-in Error
Correction Code (ECC) scheme. This scheme can
correct up to one incorrectly read bit within four bytes
read out. Additionally, the 25CSM04 includes a flag in
the STATUS register to report if any errors were
detected and corrected in the most recent memory
array read sequence.
The 25CSM04 features an identification register that
contains identification information that can be read
from the device. This enables the application to
electronically query and identify the 25CSM04 while it
is in the system. The identification method and the
instruction opcode comply with the JEDEC® standard
for “Manufacturer and Device ID Read Methodology for
SPI Compatible Serial Interface Memory Devices”. The
type of information that can be read from the device
includes the JEDEC defined Manufacturer ID, the
vendor-specific Device ID, and the vendor-specific
Extended Device Information (EDI).
Bus Connections for the 25CSM04
Client 0
Client 1
Client 2
Client 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com