Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04-I/MF Datasheet(PDF) 39 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 39 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 35Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 36Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 37Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 38Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 39Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 40Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 41Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 42Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 39
25CSM04
10.3
Reading the Memory Partition
Registers
The contents of the Memory Partition registers can be
read with the Read Memory Partition Register (RMPR)
instruction. Their contents can be read irrespective of
the FMPC bit in the STATUS register.
To determine the MPR contents, first the device must
be selected with the CS line and then the opcode 31h
must be clocked into the device on the SI line, followed
by the 24-bit Memory Partition register address.
The address for each Memory Partition register is
embedded into the first address byte sent to the device,
in bit positions A18 through A16 (see Table 10-3). The
device will then begin to clock data out on the SO line.
Only one MPR can be read at a time. This sequence is
depicted in Figure 10-6.
FIGURE 10-6:
READ MEMORY PARTITION REGISTER (RMPR) SEQUENCE
CS
SCK
1
0
2 34
567
8
910 11 12
39
38
37
36
35
34
33
32
31
30
29
00 110 0
0 1
XX
X
RMPR Opcode (31h)
Address Bits A23-A0(1)
XXXX X A18
SI
SO
MSb
High-Impedance
MSb
D7 D6 D5 D4 D3 D2 D1 D0
MPR Value
Note 1: Address bits A23-A19 and A15-A0 are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com