Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04-I/MF Datasheet(PDF) 9 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 9 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 5Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 6Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 7Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 8Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 9Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 10Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 11Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 12Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 9
25CSM04
1.2
Device Default State
1.2.1
POWER-UP DEFAULT STATE
The 25CSM04 default state upon power-up consists of:
• Standby mode (CS = HIGH)
• A high-to-low level transition on CS is required to
enter the active state
• Write Enable Latch (WEL) bit in the STATUS
register = 0
• Error Correction State Latch (ECS) bit in the
STATUS register = 0
• Partition Register Write Enable Latch (PREL) bit
in the STATUS register = 0
• Ready/Busy (RDY/BUSY) bit in the STATUS
register = 0, indicating the device is ready to
accept a new instruction
1.2.2
DEVICE FACTORY DEFAULT
CONDITION
The 25CSM04 is shipped to the customer with the
EEPROM array set to an all FFh data pattern (logic ‘1’
state).
The Security register contains a preprogrammed,
128-bit serial number in the lower 16 bytes. The
user-programmable portion (lockable ID page) is
unlocked and set to logic ‘1’ resulting in 256 bytes of
FFh data. In the various device registers, the following
nonvolatile bits are set:
• Write Protection Enable (WPEN) bit in the
STATUS register is set to logic ‘0’ allowing writing
to the STATUS register. (See Table 1-5).
• Block Write-Protect (BP[1:0] bits in the STATUS
register are logic ‘0’ indicating no write protection
set when in Legacy mode. (See Table 1-5).
• Write Protection Mode (WPM) bit in the STATUS
register is set to logic ‘0’, indicating the device is
set for Legacy Write Protection mode. (See
Table 1-6).
• Freeze Memory Protection Configuration (FMPC)
bit in the STATUS register is set to logic ‘0’,
indicating the Memory Partition Registers (MPRs)
and the Write Protection Mode (WPM) bit are not
locked and can be changed. (See Table 1-6).
• Protect Address Boundary Protection (PABP) bit
in the STATUS register is set to logic ‘0’, indicat-
ing the partition endpoint address value in each
MPR can be modified. (See Table 1-6).
• Memory Partition Registers (MPR0-MPR7) are
set to 00h, indicating that the entire 4 Mbit
memory can be written. (See Table 1-7).
TABLE 1-5:
STATUS REGISTER BITS – BYTE 0 (FACTORY DEFAULT)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
Reserved
Reserved
Reserved
BP1
BP0
WEL(1)
RDY/BUSY(1)
00
000
0
0
0
Note 1: These bits are volatile and reset to this value upon power-up.
TABLE 1-6:
STATUS REGISTER BITS – BYTE 1 (FACTORY DEFAULT)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPM
ECS(1)
FMPC
PREL(1)
PABP
Reserved
Reserved
RDY/BUSY(1)
00
0
0
000
0
Note 1: These bits are volatile and reset to this value upon power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com