Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04-I/MF Datasheet(PDF) 4 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 4 Page - Microchip Technology

  25CSM04-I/MF Datasheet HTML 1Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 2Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 3Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 4Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 5Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 6Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 7Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 8Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
25CSM04
DS20005817D-page 4
 2019-2022 Microchip Technology Inc. and its subsidiares
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC...........................................................................................................................................................................6.25V
All inputs and outputs w.r.t. VSS ...........................................................................................................0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +155°C
Ambient temperature under bias.............................................................................................................-40°C to +125°C
ESD protection on all pins ..........................................................................................................................................4 kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Industrial (I): TA =-40°C to +85°C, VCC = +2.5V to 5.5V
Param.
No.
Symbol
Characteristic
Minimum Maximum Units
Test Conditions
D001
VIH
High-Level Input Voltage
VCC X 0.7
VCC + 1
V
D002
VIL
Low-Level Input Voltage
-0.3
VCC X 0.3
V
VCC ≥ 2.5V
D003
VOL
Low-Level Output Voltage
—
0.4
V
IOL = 3.0 mA, 3.6V ≤ VCC ≤ 5.5V
D004
VOL
Low-Level Output Voltage
—
0.2
V
IOL = 0.15 mA, 2.5V ≤ VCC ≤ 3.6V
D005
VOH
High-Level Output Voltage
VCC - 0.5
—
V
IOH =-100µA
D006
ILI
Input Leakage Current
—
±1.0
µA
CS =VCC, VIN =VSS or VCC
D007
ILO
Output Leakage Current
—
±1.0
µA
CS =VCC, VOUT =VSS or VCC
D008
CINT
Internal Capacitance
(all inputs and outputs)
—7.0
pF
TA = +25°C, FCLK = 1.0 MHz,
VCC =5.0V (Note 1)
D009
ICCREAD Operating Current
—3.0
mA
VCC = 5.0V, SCK = 8 MHz,
SO = Open
—2.0
mA
VCC ≤ 3.0V, SCK = 5 MHz,
SO = Open
D010
ICCWRITE Operating Current
—
3.0
mA
VCC =5.0V
D011
ICCS
Standby Current
—2.0
µA
VCC = 5.0V, CS =VCC,
VIN =VCC or VSS
—1.0
µA
VCC = 2.5V, CS =VCC,
VIN =VCC or VSS
Note 1: This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com