Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04-I/MF Datasheet(PDF) 33 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 33 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 29Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 30Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 31Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 32Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 33Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 34Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 35Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 36Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 33
25CSM04
10.0 MEMORY PARTITION
FUNCTIONALITY
The write-protect functionality of the 25CSM04 can be
configured for Legacy Write Protection mode or
Enhanced Write Protection mode with the WPM bit of
the STATUS register (see Section 6.1.5 “Write
Protection Mode Bit”). Changing this bit is
accomplished with a WRSR sequence. If WPM is set to
a logic ‘0’, then the device is set for Legacy Write
Protection mode. If WPM is a logic ‘1’, Enhanced Write
Protection mode is enabled.
When the device is set for Legacy Write Protection
mode, the EEPROM and Security register are
protected based upon the Block Protection bits in the
STATUS register. This functionality is described in
Section 6.1.2 “Block Write-Protect Bits”.
10.1
Enhanced Write Protection Mode
The device incorporates an Enhanced Write Protection
mode which is enabled by setting the WPM bit of the
STATUS register (byte 1, bit 7) to a logic ‘1’. When the
device is set to Enhanced Write Protection mode, the
STATUS register and Memory Partition registers are
protected from any modification when the WPEN bit is
set to a logic ‘1’ and the WP pin is asserted.
Setting the 25CSM04 for Enhanced Write Protection
mode enables its eight Memory Partition Registers
(MPR0 through MPR7). These are 8-bit registers that
control the memory organization in terms of writable
addresses ranges and the type of protection behavior.
10.1.1
MEMORY PARTITIONING
OVERVIEW
Through the use of the device’s eight MPRs, the
EEPROM array can be divided into as many as nine
partitions. Each MPR specifies one of four types of
protection behaviors for their corresponding partitions.
The Memory Partition register contents specify the six
Most Significant bits of the memory array address (A18
through A13) corresponding to the endpoint of a given
partition where A12 through A0 are a logic ‘1’. This
creates an available partition size in 32-page (8-Kbyte)
increments meaning the partition can be set as small as
64-Kbit (213 x 8). However, each partition can be
uniquely sized to fit the application requirements.
Figure 10-1 provides a map of the available partition
points.
Note:
The write protection mode can be made
permanent by executing the FRZR instruc-
tion. This can be done in both Legacy
Write Protection mode and Enhanced
Write
Protection
mode.
Refer
to
Section 4.5.4 “Freeze Memory Protec-
tion Configuration (FRZR)” for addi-
tional information.
Note:
If Enhanced Write Protection mode is
disabled, the MPRs will be ignored
regardless of their configured behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com