Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25CSM04-I/MF Datasheet(PDF) 12 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 12 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 8Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 9Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 10Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 11Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 12Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 13Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 14Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 15Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
25CSM04
DS20005817D-page 12
 2019-2022 Microchip Technology Inc. and its subsidiares
3.0
MEMORY ORGANIZATION
3.1
EEPROM Organization
The 25CSM04 is internally organized as 2,048 pages
of 256 bytes each.
3.2
Device Registers
The 25CSM04 contains four types of registers that
modulate device operation and/or report on the current
status of the device. These registers are:
• STATUS register
• Security register
• Memory Partition registers (eight total)
• Identification register
3.2.1
STATUS REGISTER
The STATUS register is a 16-bit combination of volatile
and nonvolatile bits. It is used to modify the write
protection functions as well as store various aspects of
the current status of the device. Details about the
STATUS register are covered in Section 6.0 “STATUS
Register”.
3.2.2
SECURITY REGISTER
The Security register is split into a read-only section
and a user-programmable lockable ID page section.
The read-only section contains a preprogrammed,
globally unique, 128-bit serial number.
The user-programmable (lockable ID page) section of
the Security register is ideal for applications that need
to irreversibly protect critical or sensitive application
data from ever being altered. See Section 9.0
“Security Register” for more details about the
Security register.
3.2.3
MEMORY PARTITION REGISTERS
The 25CSM04 is equipped with eight Memory Partition
registers. Each register is an 8-bit nonvolatile register
which can be programmed with an ending address for
the partition as well as determine the behavior of that
partition. The partition protection can be set to one of
four levels:
•Unprotected
• Software write-protected
• Hardware write-protected by the WP pin
• Software write-protected with locked memory
partition register
A complete description of the Memory Partition register
function can be found in Section 10.0 “Memory
Partition Functionality”.
3.2.4
IDENTIFICATION REGISTER
The Identification register is a 40-bit nonvolatile,
read-only register that contains device identification
data in compliance with the JEDEC® standard for
“Manufacturer and Device ID Read Methodology for
SPI Compatible Serial Interface Memory Devices”. The
contents and format of the Identification register can be
reviewed in Section 11.1 “Reading the Identification
Register”.
FIGURE 3-1:
MEMORY ORGANIZATION
Memory Address Range
Protection Features
4-Mbit
EEPROM
4-Kbit
Security
Register
4-Mbit Address Range:
000000h–07FFFFh
128-bit Serial Number
Address Range
(000000h–00000Fh)
Legacy Write Protection
• Block Protection (BP bits in STATUS register)
• Hardware Write Protection
(WP pin via STATUS register)
Enhanced Write Protection
• User-Definable Memory Partitioning (WP Pin or
Software Write Protection)
Read-Only
Permanently Lockable by
Software
User-Programmable Lockable ID Page
Address Range (000100h–0001FFh)
Reserved for Future Use (FFh)
Address Range
(000010h–0000FFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com