Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 266 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 266 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 262Page - Texas Instruments AM2432...ALV Datasheet HTML 263Page - Texas Instruments AM2432...ALV Datasheet HTML 264Page - Texas Instruments AM2432...ALV Datasheet HTML 265Page - Texas Instruments AM2432...ALV Datasheet HTML 266Page - Texas Instruments AM2432...ALV Datasheet HTML 267Page - Texas Instruments AM2432...ALV Datasheet HTML 268Page - Texas Instruments AM2432...ALV Datasheet HTML 269Page - Texas Instruments AM2432...ALV Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 280 page
background image
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
PPP
Package Designator
ALV
ALV Package
FCBGA-N441 (17.2 mm × 17.2 mm - 0.8 mm pitch)
ALX
ALX Package
FC/CSP-N293 (11.0 mm × 11.0 mm - 0.5 mm pitch) Package
c
Carrier Type
R
Tape and Reel
BLANK
Tray
Q1
Automotive Designator
Q
Auto Qualified (Q100)
EP
Enhanced Product
BLANK
Standard
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code; For TI use only
O
Pin one designator
G1
ECAT—Green package designator
(1)
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
(2)
Applies to device max junction temperature. See Power-On Hours (POH) for more details.
Note
BLANK fields in the symbol or part number are collapsed to prevent gaps between characters.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
266
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com