Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 33 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 33 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 29Page - Texas Instruments AM2432...ALV Datasheet HTML 30Page - Texas Instruments AM2432...ALV Datasheet HTML 31Page - Texas Instruments AM2432...ALV Datasheet HTML 32Page - Texas Instruments AM2432...ALV Datasheet HTML 33Page - Texas Instruments AM2432...ALV Datasheet HTML 34Page - Texas Instruments AM2432...ALV Datasheet HTML 35Page - Texas Instruments AM2432...ALV Datasheet HTML 36Page - Texas Instruments AM2432...ALV Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
D8
D4
MCU_UART0_CTSn
MCU_PADCONFIG12
0x04084030
MCU_UART0_CTSn
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_TIMER_IO0
1
IO
0
MCU_SPI0_CS2
2
IO
1
MCU_GPIO0_1
7
IO
pad
E8
C2
MCU_UART0_RTSn
MCU_PADCONFIG13
0x04084034
MCU_UART0_RTSn
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_TIMER_IO1
1
IO
0
MCU_SPI1_CS2
2
IO
1
MCU_GPIO0_0
7
IO
pad
A9
D6
MCU_UART0_RXD
MCU_PADCONFIG10
0x04084028
MCU_UART0_RXD
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_3
7
IO
pad
A8
B2
MCU_UART0_TXD
MCU_PADCONFIG11
0x0408402C
MCU_UART0_TXD
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_2
7
IO
pad
B8
MCU_UART1_CTSn
MCU_PADCONFIG16
0x04084040
MCU_UART1_CTSn
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_TIMER_IO2
1
IO
0
MCU_SPI0_CS3
2
IO
1
MCU_GPIO0_16
7
IO
pad
B9
MCU_UART1_RTSn
MCU_PADCONFIG17
0x04084044
MCU_UART1_RTSn
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_TIMER_IO3
1
IO
0
MCU_SPI1_CS3
2
IO
1
MCU_GPIO0_17
7
IO
pad
C9
MCU_UART1_RXD
MCU_PADCONFIG14
0x04084038
MCU_UART1_RXD
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_14
7
IO
pad
D9
MCU_UART1_TXD
MCU_PADCONFIG15
0x0408403C
MCU_UART1_TXD
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV_MCU
Yes
PU/PD
LVCMOS
MCU_GPIO0_15
7
IO
pad
F18
MMC0_CALPAD
MMC0_CALPAD
A
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
G18
MMC0_CLK
MMC0_CLK
IO
On / Low / Off
On / SS / Off
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
J21
MMC0_CMD
MMC0_CMD
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
G19
MMC0_DS
MMC0_DS
IO
On / Off / Down
On / Off / Down
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
PU/PD
eMMCPH
Y
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com