Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 94 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 90Page - Texas Instruments AM2432...ALV Datasheet HTML 91Page - Texas Instruments AM2432...ALV Datasheet HTML 92Page - Texas Instruments AM2432...ALV Datasheet HTML 93Page - Texas Instruments AM2432...ALV Datasheet HTML 94Page - Texas Instruments AM2432...ALV Datasheet HTML 95Page - Texas Instruments AM2432...ALV Datasheet HTML 96Page - Texas Instruments AM2432...ALV Datasheet HTML 97Page - Texas Instruments AM2432...ALV Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 280 page
background image
Table 6-58. MCSPI4 Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
SPI4_D1
IO
SPI Data 1
D16
C11
(1)
The SPI4_CS3 signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
MCU Domain Instances
Table 6-59. MCU_MCSPI0 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_SPI0_CLK
IO
SPI Clock
E6
MCU_SPI0_CS0
IO
SPI Chip Select 0
D6
MCU_SPI0_CS1
IO
SPI Chip Select 1
C6
MCU_SPI0_CS2
IO
SPI Chip Select 2
D8
D4
MCU_SPI0_CS3
IO
SPI Chip Select 3
B8
MCU_SPI0_D0
IO
SPI Data 0
E7
MCU_SPI0_D1
IO
SPI Data 1
B6
Table 6-60. MCU_MCSPI1 Signal Descriptions
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_SPI1_CLK
IO
SPI Clock
D7
MCU_SPI1_CS0
IO
SPI Chip Select 0
A7
MCU_SPI1_CS1
IO
SPI Chip Select 1
B7
MCU_SPI1_CS2
IO
SPI Chip Select 2
E8
C2
MCU_SPI1_CS3
IO
SPI Chip Select 3
B9
MCU_SPI1_D0
IO
SPI Data 0
C7
MCU_SPI1_D1
IO
SPI Data 1
C8
6.3.16 MMC
MAIN Domain Instances
Table 6-61. MMC0 Signal Descriptions
Signal Name [1] ((2))
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MMC0_CALPAD (1)
A
MMC/SD/SDIO Calibration Resistor
F18
MMC0_CLK
IO
MMC/SD/SDIO Clock
G18
MMC0_CMD
IO
MMC/SD/SDIO Command
J21
MMC0_DS
IO
MMC Data Strobe
G19
MMC0_DAT0
IO
MMC/SD/SDIO Data 0
K20
MMC0_DAT1
IO
MMC/SD/SDIO Data 1
J20
MMC0_DAT2
IO
MMC/SD/SDIO Data 2
J18
MMC0_DAT3
IO
MMC/SD/SDIO Data 3
J17
MMC0_DAT4
IO
MMC/SD/SDIO Data 4
H17
MMC0_DAT5
IO
MMC/SD/SDIO Data 5
H19
MMC0_DAT6
IO
MMC/SD/SDIO Data 6
H18
MMC0_DAT7
IO
MMC/SD/SDIO Data 7
G17
(1)
An external 10 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
The MMC0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
94
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com