Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 54 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 54 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 50Page - Texas Instruments AM2432...ALV Datasheet HTML 51Page - Texas Instruments AM2432...ALV Datasheet HTML 52Page - Texas Instruments AM2432...ALV Datasheet HTML 53Page - Texas Instruments AM2432...ALV Datasheet HTML 54Page - Texas Instruments AM2432...ALV Datasheet HTML 55Page - Texas Instruments AM2432...ALV Datasheet HTML 56Page - Texas Instruments AM2432...ALV Datasheet HTML 57Page - Texas Instruments AM2432...ALV Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
Y13
Y15
PRG1_PRU1_GPO18
PADCONFIG84
0x000F4150
PRG1_PRU1_GPO18
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU1_GPI18
1
I
0
PRG1_IEP1_EDC_LATCH_IN0
2
I
0
PRG1_PWM1_TZ_IN
3
I
0
RGMII1_RD2
4
I
0
RMII1_TX_EN
5
O
GPIO0_20
7
IO
pad
UART5_CTSn
8
I
1
PRG1_ECAP0_SYNC_IN
9
I
0
V12
AA13
PRG1_PRU1_GPO19
PADCONFIG85
0x000F4154
PRG1_PRU1_GPO19
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU1_GPI19
1
I
0
PRG1_IEP1_EDC_SYNC_OUT0
2
O
PRG1_PWM1_TZ_OUT
3
O
RGMII1_RD3
4
I
0
RMII1_CRS_DV
5
I
0
SPI3_CS2
6
IO
1
GPIO0_84
7
IO
pad
UART5_RTSn
8
O
PRG1_ECAP0_IN_APWM_OUT
9
IO
0
F16
E19
RESETSTATz
PADCONFIG169
0x000F42A4
RESETSTATz
0
O
0
Off / Low / Off
Off / SS / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
E18
C17
RESET_REQz
PADCONFIG168
0x000F42A0
RESET_REQz
0
I
0
On / Off / Up
On / Off / Up
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
H16
H11
RSVD0
RSVD0
RSVD
D21
J13
RSVD1
RSVD1
RSVD
G13
RSVD2
RSVD2
RSVD
F17
RSVD3
RSVD3
RSVD
W15
RSVD4
RSVD4
RSVD
V16
RSVD5
RSVD5
RSVD
K2
RSVD6
RSVD6
RSVD
K1
RSVD7
RSVD7
RSVD
F12
RSVD8
RSVD8
RSVD
T13
SERDES0_REXT
SERDES0_REXT
A
1.8 V
VDDA_1P8_SERDES0,
VDDA_0P85_SERDES0
,
VDDA_0P85_SERDES0
_C
SERDES
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
54
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com