Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 96 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 92Page - Texas Instruments AM2432...ALV Datasheet HTML 93Page - Texas Instruments AM2432...ALV Datasheet HTML 94Page - Texas Instruments AM2432...ALV Datasheet HTML 95Page - Texas Instruments AM2432...ALV Datasheet HTML 96Page - Texas Instruments AM2432...ALV Datasheet HTML 97Page - Texas Instruments AM2432...ALV Datasheet HTML 98Page - Texas Instruments AM2432...ALV Datasheet HTML 99Page - Texas Instruments AM2432...ALV Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 280 page
background image
Table 6-64. Power Supply Signal Descriptions (continued)
Signal Name [1]
Signal Type
[2]
Description [3]
ALV PIN [4]
ALX PIN [4]
CAP_VDDS_MCU (1)
CAP
External capacitor connection for IO MCU
H10
D9
VDDA_0P85_SERDES0
PWR
SERDES0 0.85 V analog supply
P12, P13
VDDA_0P85_SERDES0_C
PWR
SERDES0 Clock 0.85 V analog supply
P11
VDDA_0P85_USB0
PWR
USB0 0.85 V analog supply
T12
V16
VDDA_1P8_SERDES0
PWR
SERDES0 1.8 V analog supply
R14
VDDA_1P8_USB0
PWR
USB0 1.8 V analog supply
R15
U15
VDDA_3P3_SDIO
PWR
SDIO 3.3 V analog supply
H15
K15
VDDA_3P3_USB0
PWR
USB0 3.3 V analog supply
R13
U16
VDDA_ADC
PWR
ADC0 analog supply
J13
G17, H17
VDDA_MCU
PWR
POR and MCU PLL analog supply
K12
H14
VDDA_PLL0
PWR
MAIN, PER1, and R5F PLL analog supply
N12
N12
VDDA_PLL1
PWR
ARM and DDR PLL analog supply
H9
G9
VDDA_PLL2
PWR
PER0 PLL analog supply
J11
G12
VDDA_TEMP0
PWR
TEMP0 analog supply
G11
G11
VDDA_TEMP1
A
TEMP1 analog supply
L11
M11
VDDR_CORE
PWR
RAM supply
L10, M13
G5, G6, J10, J12,
P14, P8, R10
VDDSHV0
PWR
IO supply for IO group 0
F11, G12, G14
C13, D13, E14
VDDSHV1
PWR
IO supply for IO group 1
M7, N6, P7
L6, M6, P5, P6
VDDSHV2
PWR
IO supply for IO group 2
R10, R8, T9
T11, T8, U11, U7,
U8
VDDSHV3
PWR
IO supply for IO group 3
P14, P15
R17, T17
VDDSHV4
PWR
IO supply for IO group 4
M14, M15
N16, N17
VDDSHV5
PWR
IO supply for IO group 5
L14, L15
L16, L17
VDDSHV_MCU
PWR
IO supply for IO MCU
F9, G10, G8
E7, E8, E9
VDDS_DDR
PWR
DDR PHY IO supply
F7, G6, H7, J6, K7,
L6
VDDS_DDR_C
PWR
DDR Clock IO supply
J8
VDDS_MMC0
PWR
MMC0 PHY IO supply
K14
VDDS_OSC
PWR
MCU_OSC0 supply
H13
F18
VDD_CORE
PWR
Core supply
J10, J12, K11, K9,
L12, L8, M11, M9,
N10, N8, P9
F11, G10, H15, H8,
J9, K11, K14, L13,
L9, M14, M8, N10,
N9, R12, R13, R9
VDD_DLL_MMC0
PWR
MMC0 PLL analog supply
H14
VDD_MMC0
PWR
MMC0 PHY core supply
K13
VPP
PWR
eFuse ROM programming supply
G15
E16
VSS
GND
Ground
A1, A21, A5, A6,
AA1, AA15, AA18,
AA21, C10, C15,
C3, D1, E11, E13,
F10, F15, F8, G1,
G16, G3, G7, G9,
H11, H20, H21, H6,
H8, J14, J7, J9, K6,
K8, L1, L16, L3,
L7, L9, M10, M12,
M6, M8, N11, N13,
N15, N7, N9, P1,
P10, P18, P6, P8,
R12, R7, R9, T10,
T11, T15, T16, T8,
U3, V17, W10, W18,
Y14, Y17, Y19
A1, A2, A20, A21,
AA1, AA2, AA20,
AA21, B1, B21,
D10, D16, D17, E11,
E13, E6, F17, F8,
G16, H16, H6, H7,
J11, J16, J5, J6,
K16, K6, K7, K8,
L10, L11, L12, M15,
M16, M7, N11, N13,
N6, P11, P15, P16,
P7, R11, R6, T14,
U6, Y1, Y21
(1)
This pin must always be connected via a 1-μF capacitor to VSS.
(2)
The CAP_VDDSHV_MMC1 pin must always be connected via a 3.3-μF ±20% capacitor to VSS.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
96
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com