Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 66 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 62Page - Texas Instruments AM2432...ALV Datasheet HTML 63Page - Texas Instruments AM2432...ALV Datasheet HTML 64Page - Texas Instruments AM2432...ALV Datasheet HTML 65Page - Texas Instruments AM2432...ALV Datasheet HTML 66Page - Texas Instruments AM2432...ALV Datasheet HTML 67Page - Texas Instruments AM2432...ALV Datasheet HTML 68Page - Texas Instruments AM2432...ALV Datasheet HTML 69Page - Texas Instruments AM2432...ALV Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 280 page
background image
Table 6-2. AM243x Package Comparison Table (ALV vs. ALX) (continued)
AM243x_ALV
BALL #
AM243x_ALV
SIGNAL NAME
AM243x_ALX
BALL #
AM243x_ALX
SIGNAL NAME
L14
VDDSHV5
L15
VDDSHV5
L16
VSS
L16
VDDSHV5
L17
OSPI0_CSN3
L17
VDDSHV5
L18
OSPI0_CSN1
L19
OSPI0_CSN0
L19
OSPI0_D0
L20
MMC1_CLK
L20
OSPI0_CSN0
L21
MMC1_DAT1
L21
OSPI0_D2
M1
DDR0_DQS1_N
M2
DDR0_DM1
M2
PRG0_PRU1_GPO2
M3
DDR0_DQ11
M4
DDR0_DQ14
M4
PRG0_PRU1_GPO15
M5
DDR0_A12
M6
VSS
M6
VDDSHV1
M7
VDDSHV1
M7
VSS
M8
VSS
M8
VDD_CORE
M9
VDD_CORE
M10
VSS
M11
VDD_CORE
M11
VDDA_TEMP1
M12
VSS
M13
VDDR_CORE
M14
VDDSHV4
M14
VDD_CORE
M15
VDDSHV4
M15
VSS
M16
CAP_VDDS4
M16
VSS
M17
OSPI0_D7
M18
OSPI0_D1
M18
CAP_VDDS5
M19
OSPI0_D0
M20
OSPI0_D2
M20
OSPI0_CSN1
M21
OSPI0_D3
M21
OSPI0_LBCLKO
N1
DDR0_DQS1
N1
PRG0_PRU0_GPO13
N2
DDR0_DQ15
N2
PRG0_PRU0_GPO14
N3
DDR0_DQ13
N3
PRG0_PRU0_GPO16
N4
DDR0_DQ12
N4
PRG0_PRU0_GPO15
N5
DDR0_DQ8
N5
CAP_VDDS1
N6
VDDSHV1
N6
VSS
N7
VSS
N8
VDD_CORE
N9
VSS
N9
VDD_CORE
N10
VDD_CORE
N10
VDD_CORE
N11
VSS
N11
VSS
N12
VDDA_PLL0
N12
VDDA_PLL0
N13
VSS
N13
VSS
N14
CAP_VDDS3
N15
VSS
N16
GPMC0_WPN
N16
VDDSHV4
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
66
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com