Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 25 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 25 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 21Page - Texas Instruments AM2432...ALV Datasheet HTML 22Page - Texas Instruments AM2432...ALV Datasheet HTML 23Page - Texas Instruments AM2432...ALV Datasheet HTML 24Page - Texas Instruments AM2432...ALV Datasheet HTML 25Page - Texas Instruments AM2432...ALV Datasheet HTML 26Page - Texas Instruments AM2432...ALV Datasheet HTML 27Page - Texas Instruments AM2432...ALV Datasheet HTML 28Page - Texas Instruments AM2432...ALV Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
U21
R20
GPMC0_AD1
PADCONFIG16
0x000F4040
GPMC0_AD1
0
IO
0
7
On / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_RX2_D0
1
I
0
UART2_TXD
2
O
EPWM0_SYNCO
3
O
TRC_CTL
6
O
GPIO0_16
7
IO
pad
PRG0_PWM2_TZ_OUT
9
O
BOOTMODE01
Bootstrap
I
T18
T19
GPMC0_AD2
PADCONFIG17
0x000F4044
GPMC0_AD2
0
IO
0
7
On / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_RX2_D1
1
I
0
UART2_RTSn
2
O
EPWM_TZn_IN0
3
I
0
TRC_DATA0
6
O
GPIO0_17
7
IO
pad
PRG0_PWM2_TZ_IN
9
I
0
BOOTMODE02
Bootstrap
I
U20
V21
GPMC0_AD3
PADCONFIG18
0x000F4048
GPMC0_AD3
0
IO
0
7
On / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_RX3_CLK
1
I
0
UART3_RXD
2
I
1
EPWM0_A
3
IO
0
TRC_DATA1
6
O
GPIO0_18
7
IO
pad
PRG0_PWM2_A0
9
IO
0
BOOTMODE03
Bootstrap
I
U18
U21
GPMC0_AD4
PADCONFIG19
0x000F404C
GPMC0_AD4
0
IO
0
7
On / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_RX3_D0
1
I
0
UART3_TXD
2
O
EPWM0_B
3
IO
0
TRC_DATA2
6
O
GPIO0_82
7
IO
pad
PRG0_PWM2_B0
9
IO
1
BOOTMODE04
Bootstrap
I
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com