Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 161 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 161 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 157Page - Texas Instruments AM2432...ALV Datasheet HTML 158Page - Texas Instruments AM2432...ALV Datasheet HTML 159Page - Texas Instruments AM2432...ALV Datasheet HTML 160Page - Texas Instruments AM2432...ALV Datasheet HTML 161Page - Texas Instruments AM2432...ALV Datasheet HTML 162Page - Texas Instruments AM2432...ALV Datasheet HTML 163Page - Texas Instruments AM2432...ALV Datasheet HTML 164Page - Texas Instruments AM2432...ALV Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 280 page
background image
7.10.5.6 FSI
Table 7-44, Table 7-45, Figure 7-36, Table 7-46, Figure 7-37, Table 7-47, and Figure 7-38 present timing
conditions, requirements, and switching characteristics for FSI.
Table 7-44. FSI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.8
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
7
pF
Table 7-45. FSI Timing Requirements
see Figure 7-36
NO.
MIN
MAX
UNIT
FSIR1
tc(RX_CLK)
Cycle time, FSI_RXn_CLK
20
ns
FSIR2
tw(RX_CLK)
Pulse width, FSI_RXn_CLK low or FSI_RXn_CLK high
0.5P - 1
(1)
0.5P + 1
(1)
ns
FSIR3
tsu(RX_D-RX_CLK)
Setup time, FSI_RXn_D[1:0] valid before FSI_RXn_CLK
3
ns
FSIR4
th(RX_CLK-RX_D)
Hold time, FSI_RXn_D[1:0] valid after FSI_RXn_CLK
2.5
ns
(1)
P = FSI_RXn_CLK period in ns.
FSI_RXn_CLK
FSIR2
FSIR1
FSIR3
FSI_RXn_D0
FSI_RXn_D1
FSIR4
FSIR2
Figure 7-36. FSI Timing Requirements
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
161
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com