Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 199 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 195Page - Texas Instruments AM2432...ALV Datasheet HTML 196Page - Texas Instruments AM2432...ALV Datasheet HTML 197Page - Texas Instruments AM2432...ALV Datasheet HTML 198Page - Texas Instruments AM2432...ALV Datasheet HTML 199Page - Texas Instruments AM2432...ALV Datasheet HTML 200Page - Texas Instruments AM2432...ALV Datasheet HTML 201Page - Texas Instruments AM2432...ALV Datasheet HTML 202Page - Texas Instruments AM2432...ALV Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 280 page
background image
7.10.5.12.1.3 High Speed DDR Mode
Table 7-72, Figure 7-62, Table 7-73, and Figure 7-63 present timing requirements and switching characteristics
for MMC0 – High Speed DDR Mode.
Table 7-72. MMC0 Timing Requirements – High Speed DDR Mode
see Figure 7-62
NO.
MIN
MAX
UNIT
HSDDR1
tsu(cmdV-clk)
Setup time, MMC0_CMD valid before MMC0_CLK rising edge
3.88
ns
HSDDR2
th(clk-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising edge
2.67
ns
HSDDR3
tsu(dV-clk)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK transition
0.83
ns
HSDDR4
th(clk-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK transition
1.76
ns
Figure 7-62. MMC0 – High Speed DDR Mode – Receive Mode
Table 7-73. MMC0 Switching Characteristics – High Speed DDR Mode
see Figure 7-63
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
50
MHz
HSDDR5
tc(clk)
Cycle time, MMC0_CLK
20
ns
HSDDR6
tw(clkH)
Pulse duration, MMC0_CLK high
9.2
ns
HSDDR7
tw(clkL)
Pulse duration, MMC0_CLK low
9.2
ns
HSDDR8
td(clk-cmdV)
Delay time, MMC0_CLK rising edge to MMC0_CMD transition
3.31
16.19
ns
HSDDR9
td(clk-dV)
Delay time, MMC0_CLK transition to MMC0_DAT[7:0] transition
2.81
6.94
ns
Figure 7-63. MMC0 – High Speed DDR Mode – Transmit Mode
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
199
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com