Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 215 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 211Page - Texas Instruments AM2432...ALV Datasheet HTML 212Page - Texas Instruments AM2432...ALV Datasheet HTML 213Page - Texas Instruments AM2432...ALV Datasheet HTML 214Page - Texas Instruments AM2432...ALV Datasheet HTML 215Page - Texas Instruments AM2432...ALV Datasheet HTML 216Page - Texas Instruments AM2432...ALV Datasheet HTML 217Page - Texas Instruments AM2432...ALV Datasheet HTML 218Page - Texas Instruments AM2432...ALV Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 280 page
background image
7.10.5.14.1.2 OSPI0 Without Data Training
Note
Timing parameters defined in this section are only applicable when data training is not implemented
and DLL delays are configured as described in Table 7-96 and Table 7-99.
7.10.5.14.1.2.1 OSPI0 PHY SDR Timing
Table 7-96 defines DLL delays required for OSPI0 PHY SDR Mode. Table 7-97, Figure 7-81, Figure 7-82, Table
7-98, and Figure 7-83 present timing requirements and switching characteristics for OSPI0 PHY SDR Mode.
Table 7-96. OSPI0 DLL Delay Mapping for PHY SDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT FIELD
DELAY VALUE
Transmit
All modes
PHY_CONFIG_TX_DLL_DELAY_FLD,
0x0
Receive
All modes
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
Table 7-97. OSPI0 Timing Requirements – PHY SDR Mode
see Figure 7-81 and Figure 7-82
NO.
MODE
MIN
MAX
UNIT
O19
tsu(D-CLK)
Setup time, OSPI0_D[7:0] valid before
active OSPI0_CLK edge
1.8V, SDR with Internal PHY Loopback
-2.19
ns
3.3V, SDR with Internal PHY Loopback
-1.71
ns
O20
th(CLK-D)
Hold time, OSPI0_D[7:0] valid after active
OSPI0_CLK edge
1.8V, SDR with Internal PHY Loopback
7.62
ns
3.3V, SDR with Internal PHY Loopback
8.1
ns
O21
tsu(D-LBCLK)
Setup time, OSPI0_D[7:0] valid before
active OSPI0_DQS edge
1.8V, SDR with External Board Loopback
-3.1
ns
3.3V, SDR with External Board Loopback
-3.47
ns
O22
th(LBCLK-D)
Hold time, OSPI0_D[7:0] valid after active
OSPI0_DQS edge
1.8V, SDR with External Board Loopback
3.31
ns
3.3V, SDR with External Board Loopback
4.33
ns
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_05
O 9
1
O20
Figure 7-81. OSPI0 Timing Requirements – PHY SDR with Internal PHY Loopback
OSPI_DQS
OSPI_TIMING_06
O21
O 2
2
OSPI_D[i:0]
Figure 7-82. OSPI0 Timing Requirements – PHY SDR with External Board Loopback
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
215
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com