Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SHT40-AD1B-R3 Datasheet HTML 1Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 2Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
5/18
Relative Humidity Accuracy
Relative Humidity Accuracy at the Extended Temperature Range
The typical RH accuracy tolerances in the range of T =
0°C … 80 °C are given in Figure 5, Figure
6
and Figure 7.
SHT40 |typ. Delta %RH|
100
3
90
2
80
70
60
50
1.8
40
30
20
2
10
0
3
0
10
20
30
40
50
60
70
80
Temperature (°C)
SHT41 |typ. Delta %RH|
100
90
2
80
70
60
50
1.8
40
30
20
10
2
0
0
10
20
30
40
50
60
70
80
Temperature (°C)
Figure 5: Typical RH accuracy tolerance over
humidity and temperature for SHT40.
Figure 6: Typical RH accuracy tolerance over
humidity and temperature for SHT41.
Figure 2: SHT40 typical and maximal relative
humidity accuracy at 25 °C.
Figure 3: SHT41 typical and maximal relative
humidity accuracy at 25 °C.
Figure 4: SHT45 typical and maximal relative humidity accuracy at 25 °C
±0
±2
±4
±6
±8
0
10 20 30 40 50 60 70 80 90 100
Relative Humidity (%RH)
SHT40 typ
SHT40 max
DRH (%RH)
±0
±2
±4
±6
±8
0
10 20 30 40 50 60 70 80 90 100
Relative Humidity (%RH)
SHT41 typ
SHT41 max
DRH (%RH)
±0
±2
±4
±6
±8
0
10 20 30 40 50 60 70 80 90 100
Relative Humidity (%RH)
SHT45 typ
SHT45 max
DRH (%RH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com