Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
10/18
4 Sensor Operation
4.1 I2C communication
I2C communication is based on NXP’s I2C-bus specification and user manual UM10204, Rev.6, 4
April 2014. Supported I2C modes are standard, fast mode, and fast mode plus. Data is transferred
in multiples of 16-bit words and 8-bit checksum (cyclic redundancy check = CRC). All transfers
must begin with a start condition (S) and terminate with a stop condition (P). To finish a read
transfer, send not acknowledge (NACK) and stop condition (P). Addressing a specific slave device
is done by sending its 7-bit I2C address followed by an eighth bit, denoting the communication
direction: “zero” indicates transmission to the slave, i.e. “write”, a “one” indicates a “read” request.
Schematics of the I2C transfer types are sketched in Error! Reference source not found.. The
sensor does not support clock-stretching. In case the sensor receives a read header and is still
busy with e.g. measurement or heating, it will return a NACK. Measurement data can only be
received once and will be deleted from the sensor’s register after the first acknowledged I2C read
header.
Figure 11: I2C transfer types: First a write header is sent to the I2C slave, followed by a command, for
example “measure RH&T with highest precision”. After the measurement is finished the read request directed
to this I2C slave will be acknowledged and transmission of data will be started by the slave.
4.2 I2C Communication Timing
All details on the timing are following the interface specification of NXP’s user manual UM10204,
Rev.6, 4 April 2014. Please follow mandatory capacitor and resistor requirements given in Table
3.
4.3 Data type & length
I2C bus operates with 8-bit data packages. Information from the sensor to the master has a
checksum after every second 8-bit data package.
Humidity and temperature data will always be transmitted in the following way: The first value is
the temperature signal (2 * 8-bit data + 8-bit CRC), the second is the humidity signal (2 * 8-bit data
+ 8-bit CRC).
4.4 Checksum Calculation
For read transfers each 16-bit data is followed by a checksum with the following properties
Property
Value
Name
CRC-8
Message Length
16-bit
Polynomial
0x31 (x8 + x5 + x4 +1)
Initialization
0xFF
Reflect Input/Output
false/false
Final XOR
0x00
Examples
CRC(0xBEEF) = 0x92
Table 6 Data checksum properties.
The master may abort a read transfer after the 16-bit data if it does not require a checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com