Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 16 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 16 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 18Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
16/18
8 Product Name Nomenclature
position
value(s)
explanation
1
S
Sensirion
2
H
Humidity Signal
3
T
Temperature Signal
4
4
Fourth product generation
5
0
1
5
Base accuracy
Intermediate accuracy
Best accuracy
6
-
delimiter
7
A
B
I2C interface with 0x44 address
I2C interface with 0x45 address
8
D
DFN package
9
1
reserved
10
B
package without membrane
F
Package with integrated, patented PTFE membrane
P
Package with integrated, removable protection cap
11
-
delimiter
12
R
Tape on reel packaging
13
2
3
Packaging article contains 2’500 pieces
Packaging article contains 10’000 pieces
Table 9 SHT4x product name nomenclature.
9 Ordering Information
Material Description
Material Number
Details
Quantity (pcs)
SHT40-AD1B-R2
3.000.465
base RH&T acc., 0x44 I2C addr.
2’500
SHT40-AD1B-R3
3.000.353
base RH&T acc., 0x44 I2C addr.
10’000
SHT40-AD1F-R3
tbd
base RH&T acc., 0x44 I2C addr.,
including patented PTFE membrane
available Q3/22
10’000
SHT40-AD1P-R3
tbd
base RH&T acc., 0x44 I2C addr.,
removable protection cap
available Q3/22
10’000
SHT40-BD1B-R2
3.000.492
base RH&T acc., 0x45 I2C addr.
2’500
SHT40-BD1B-R3
3.000.610
base RH&T acc., 0x45 I2C addr.
10’000
SHT41-AD1B-R2
3.000.466
intermed. RH&T acc., 0x44 I2C addr.
2’500
SHT41-AD1B-R3
3.000.611
intermed. RH&T acc., 0x44 I2C addr.
10’000
SHT45-AD1B-R2
3.000.645
±1.0 %RH, ±0.1°C acc., 0x44 I2C addr.
2’500
SHT45-AD1B-R3
3.000.750
±1.0 %RH, ±0.1°C acc., 0x44 I2C addr.
10’000
Table 10 SHT4x ordering options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com