Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
9/18
3.2 Timings
Max. values are measured at -40°C and 1.08 V supply voltage (based on characterization).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Comments
Power-up time
tPU
After hard reset,
VDD
≥ VPOR
-
0.3
1
ms
Time between VDD
reaching VPOR and
sensor entering idle
state
Soft reset time
tSR
After soft reset
-
-
1
ms
Time between ACK of
soft reset command and
sensor entering idle
state. Also valid for I2C
general call reset.
Measurement
duration
tMEAS,l
Low
repeatability
-
1.3
1.6
ms
Including tPU:
The three repeatability
modes differ with
respect to measurement
duration, noise level and
energy consumption
tMEAS,m
Med.
repeatability
-
3.7
4.5
ms
tMEAS,h
High
repeatability
-
6.9
8.3
ms
Heater-on duration
tHeater
Long pulse
0.9
1
1.1
s
After that time the heater
is automatically switched
off
Short pulse
0.09
0.1
0.11
s
After that time the heater
is automatically switched
off
Table 4 System timing specifications.
3.3 Absolute Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage or affect the reliability
of the device. These are stress ratings only and functional operation of the device at these
conditions is not guaranteed. Ratings are only tested each at a time.
Parameter
Rating
Max. voltage on any pin
VSS -
0.3 V … VDD + 0.3 V
Operating temperature range
-40
°C … 125 °C
Storage temperature range11
-40
°C …150 °C
ESD HBM
2 kV
ESD CDM
500 V
Latch up, JESD78 Class II, 125°C
+-100 mA
Table 5: Absolute maximum ratings.
11 The recommended storage temperature range is 10-50°C. Please consult the document “SHTxx Handling Instructions” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com