Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 7 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 7 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
7/18
Temperature Accuracy
2.3 Recommended Operating Conditions
The sensor shows best performance when operated within the recommended normal temperature
and humidity range of 5 °C
… 60 °C and 20 %RH … 80 %RH, respectively. Long term exposure to
conditions outside recommended normal range, especially at high relative humidity, may
temporarily offset the RH signal (e.g. +3 %RH after 60 h at > 80 %RH). After returning into the
recommended normal temperature and humidity range the sensor will recover to within
specifications by itself. Prolonged exposure to extreme conditions may accelerate ageing.
To ensure stable operation of the humidity sensor, the conditions described in the document [2]
regarding exposure to volatile organic compounds must be met. Please note as well that this does
apply not only to transportation and manufacturing, but also to operation of the SHT4x.
Figure 8: SHT40 typical and maximal temperature
accuracy.
Figure 9: SHT41 typical and maximal temperature
accuracy.
Figure 10: SHT45 typical and maximal temperature accuracy.
±0.0
±0.2
±0.4
±0.6
±0.8
±1.0
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
SHT40 typ
SHT40 max
DT (°C)
±0.0
±0.2
±0.4
±0.6
±0.8
±1.0
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
SHT41 typ
SHT41 max
DT (°C)
±0.0
±0.2
±0.4
±0.6
±0.8
±1.0
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
SHT45 typ
SHT45 max
DT (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com