Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 18Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
14/18
Figure 13: Recommended land pattern
(in mm). Details can vary and depend on
used PCBs and solder processes. There
shall be no copper under the sensor
other than at the pin pads.
5.4 Pin Assignment & Laser Marking
Pin
Name
Comments
1
SDA
Serial data, bidirectional
2
SCL
Serial clock, unidirectional input
3
VDD
Supply voltage
4
VSS
Ground
Figure 14 Pin assignment (transparent top view). Dashed lines are only visible if sensor is viewed from
below. The die pad is not directly connected to any pin.
The laser marking consists of two lines, indicated in Figure 14. In the first line a filled circle serves
as pin-1 indicator
and is followed by “SH4”. The last character will indicate the accuracy class of
this product (here “x” serves as place holder). In the second line, the first three characters specify
the product characteristics according to positions 7, 8 and 9 of Table 9. The second three
characters serve as internal batch tracking code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com