Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162083 Datasheet(PDF) 19 Page - Baumer IVO GmbH & Co. KG

Part # 162083
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

162083 Datasheet(HTML) 19 Page - Baumer IVO GmbH & Co. KG

Back Button 162083 Datasheet HTML 12Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 13Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 14Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 15Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 16Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 17Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 18Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 19Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 20Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.baumerelectric.com
2. 0685
685
ø 20
ø 33
ø 20
ø 28
1 mm thick
ø 26
Cap nut
Series 18
Part number
103067
- for glass cover
Cap nut
Series 18
Part number
115913
- for doubling lens and glass cover
Glass cover
Series 18
Part number
103068
Doubling lens
Series 18
Part number
107250
- to double the sensing distance FZAM 18
Cap nut
Series 30
Part number
102801
- for glass cover
Glass cover
Series 30
Part number
103226
Doubling lens
Series 30
Part number
107408
- to double the sensing distance FZAM 30
10,5
7
1
Slot aperture stickers
Series 14
Part number
144075
- contents: 2
- self-adhesive
ø 15
1 mm thick
ø 15
4,7
Accessories photoelectric sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com