Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162083 Datasheet(PDF) 12 Page - Baumer IVO GmbH & Co. KG

Part # 162083
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

162083 Datasheet(HTML) 12 Page - Baumer IVO GmbH & Co. KG

Back Button 162083 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 10Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 11Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 12Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 13Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 14Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 15Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 16Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.baumerelectric.com
678
3,2
3,2
10
15
25,2
0,75
7,1
11,9
11
6 15
27
9,1
15
3,2
20,5
3
33,5
20
10,5
10,5
20
20
23
3,2
18
30,9
5˚
18
12,5
7
3,3
4,5
16
40
32
26
10
36
20˚
5,5
25
30˚
50˚
28
7,5
10
25
30
5
34
4,3
50
16
16
30
30
21,6
0,6
0,8
2,6
16,1
27,5
7,2
20˚
11,4
12,2
3,2
10
Mounting bracket
Series 10
Part number
114501
- Material: steel
- for cabel version series 10
Mounting brackets
Mounting bracket
Series 10
Part number
133792
- Material: steel
- for connector version series 10
Mounting bracket
Series 12
Part number
113873
- Material: steel
Mounting bracket
Series 14
Part number
134964
- Material: steel
Mounting bracket
Series 15
Part number
103415
- Material: steel
Mounting bracket
Series 16
Part number
113917
- Material: steel
Mounting bracket
Series 13
Part number
161695
- Material: steel
Mounting plate
Series 10
Mounting bracket
Series 10
Part number
162083
- Material: steel
Part number
118798
- Material: steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com