Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162083 Datasheet(PDF) 5 Page - Baumer IVO GmbH & Co. KG

Part # 162083
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

162083 Datasheet(HTML) 5 Page - Baumer IVO GmbH & Co. KG

  162083 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.baumerelectric.com
2. 0671
671
L
ø14,5
35,6
M12
ø 14,5
31
L
M12 x 1
44
30,5
M12 x 1
10
ø 20
60
44
*8
L
43
~56
Connector
ES 4A
Part number
ES 4AP5L PNP
4 pin
5 m PUR
ES 4AN5L NPN
4 pin
5 m PUR
LED 1: +VS
LED 2: output 1
see color code
for wiring
Connectors M12 x 1
Connector
ES 33A
Part number
ES 33AP2B
4 pin
2 m PUR
ES 33AP5B
4 pin
5 m PUR
ES 33AP10B
4 pin
10 m PUR
- shielded
- screen connected with cap nut
Connector
ES 34A
Part number
ES 34AP2B
4 pin
2 m PUR
ES 34AP5B
4 pin
5 m PUR
ES 34AP10B
4 pin
10 m PUR
- shielded
- screen connected with cap nut
see color code
for wiring
Connector
ESG 34F
Part number
ESG 34FP0200B
8 pin
2 m PUR
ESG 34FP0500B
8 pin
5 m PUR
Connector
ES 14 / ES 14C
Part number
ES 14 PG7
4 pin
ES 14C PG7
5 pin
- for self-assembly
- with cap nut
Connector
ES 18 / ES 18C
Part number
ES 18 PG7
4 pin
ES 18C PG7
5 pin
- for self-assembly
- with cap nut
Connector
M12 x 1
Part number
135462
5 pin
146775
8 pin
- for self-assembly
- screen can be connected with cap nut
(necessary for sensors with analog output)
Note
Connectors with halogen-free cables
- strands UL-style 10493
- PVC- and halogen-free
- suitable for flexible cable carriers
jacket insulation
material:
Polyetherurethane
TPU 11YH1
flame retardent
according to:
IEC 332-2
strand insulation:
halogen-free
see color code
for wiring
Connector
ES 34C
Part number
ES 34CP2B
5 pin
2 m PUR
ES 34CP5B
5 pin
5 m PUR
ES 34CP10B
5 pin
10 m PUR
- shielded
- screen connected with cap nut
see color code
for wiring
- shielded
- screen connected with cap nut



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com