Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162083 Datasheet(PDF) 11 Page - Baumer IVO GmbH & Co. KG

Part # 162083
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

162083 Datasheet(HTML) 11 Page - Baumer IVO GmbH & Co. KG

Back Button 162083 Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 10Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 11Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 12Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 13Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 14Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 15Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.baumerelectric.com
2. 0677
677
14
ø6,5
3
6
16
7,5
14
ø 8
3
6
16
7,5
SW
B
øD
A
M
Type
ø D
M
SW B
A
E 3
ø 3
M5 x 0,75
5
7
3
E 4
ø 4
M6 x 0,75
6
8
3
E 6,5
ø 6,5 M8 x 0,75
8
11
4
Clamping nuts
Mounting bracket
109474
Mounting bracket
109475
for 6,5 mm diameter proximity switches
material plastic (PA 6.6. black)
for mounting use M 3 (3 mm ø) screws
for 8 mm diameter proximity switches
material plastic (PA 6.6. black)
for mounting use M3 (3 mm ø) screws
for proximity switches ø 3, ø 4 and ø 6,5 mm
Type
Part number
E 3
137021
E 4
119345
E 6,5
117742
31
45
for 20 mm diameter proximity switches
material plastic (PA 6.6. black)
Mounting bracket (2 pcs) 143377
for M5 hexagon
socket
Mounting brackets / Clamping nuts / Test set
Test set
115437
This sensor test unit has been designed
primarily to test and demonstrate three
wire NPN and/or PNP proximity DC
switches. Sensor connection is simple
using the three spring loaded terminals.
Red LED indicates PNP output
Green LED indicates NPN output.
An internal beeper is also audible when
the sensor output is conducting.
The unit is powered by two 9 V batte-
ries which are accessed by removing
the back panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com