Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162083 Datasheet(PDF) 6 Page - Baumer IVO GmbH & Co. KG

Part # 162083
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

162083 Datasheet(HTML) 6 Page - Baumer IVO GmbH & Co. KG

Back Button 162083 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 7Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 8Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 10Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.baumerelectric.com
672
3
1
2
4
3
1
2
4
1
2
3
4
5
Pin-assignment connector 3-pin (M 12)
Pin-assignment connector 4-pin (M12)
Pin-Nr.
Color
1
BN (Brown)
2
n.c.
3
BU (Blue)
4
BK (Black)
Pin-Nr.
Color
1
BN (Brown)
2
WH (White)
3
BU (Blue)
4
BK (Black)
viewed from rear of connector
viewed from rear of connector
Pin-Nr.
Color
1
BN (Brown)
2
WH (White)
3
BU (Blue)
4
BK (Black)
5
GY (Grey)
Pin-assignment connector 5-pin (M12)
viewed from rear of connector
Connectors M12 x 1
Pin-assignment connector 8-pin (M 12)
Pin-Nr.
Color
1
WH (White)
2
BN (Brown)
3
GN (Green)
4
YE (Yellow)
5
GY (Gray)
6
PK (Pink)
7
BU (Blue)
8
RD (Red)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com