Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

162083 Datasheet(PDF) 13 Page - Baumer IVO GmbH & Co. KG

Part # 162083
Description  Accessories photoelectric sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

162083 Datasheet(HTML) 13 Page - Baumer IVO GmbH & Co. KG

Back Button 162083 Datasheet HTML 9Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 10Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 11Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 12Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 13Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 14Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 15Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 16Page - Baumer IVO GmbH & Co. KG 162083 Datasheet HTML 17Page - Baumer IVO GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.baumerelectric.com
2. 0679
679
5
38
30
38
10
30
50
4,3
39
18
18
25
50
4,5
37
4 1 30
1
18
20
18
4,5
40
48,5
26,5
5,5
6,4
54
50,5
R
18
50˚
25
˚
40
58
40
40
58
1,5
5,7
15,4
47
15
M3
5
Mounting bracket
Series 16
Part number
119373
- Material: steel
- for fine adjustment OSDM 16
Mounting bracket
OADM 20
Part number
131521
- Material: steel
Mounting brackets
Mounting bracket
Series 26
Part number
112477
- Material: steel
Lens cleaning air nozzle bracket Series 16
Part number
116407
- Material: steel
- incl. nozzle
Mounting bracket
Series 22
Part number
126220
- Material: steel
- for LOGIPAL and PosCon
Mounting bracket VeriSens
Part number
159906
- Material: steel
- for VeriSens
Mounting bracket VeriSens
Part number
159905
- Material: steel
- for VeriSens



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com