Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 114 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 114 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 110Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 111Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 112Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 113Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 114Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 115Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 116Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 117Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 114 of 232
T2THD (0xA7) – Timer 2 Timer Value High Byte
Bit
Name
Reset
R/W
Description
7:0
THD[7:0]
0x00
R/W
The value read from this register is the high-order byte of the timer
value. The high-order byte read is from timer value at the last instant
when
T2TLD was read.
The value written to this register while the timer is running is the high-
order byte of the timer delta counter value. The low-order byte of this
value is the value last written to
T2TLD. The timer will halt for delta
clock cycles.
The value written to this register while the timer is idle will be written to
the high-order byte of the timer.
T2TLD (0xA6) – Timer 2 Timer Value Low Byte
Bit
Name
Reset
R/W
Description
7:0
TLD[7:0]
0x00
R/W
The value read from this register is the low-order byte of the timer value.
The value written to this register while the timer is running is the low-
order byte of the timer delta counter value. The timer will halt for delta
clock cycles. The value written to T2TLD will not take effect until T2THD
is written.
The value written to this register while the timer is idle will be written to
the low-order byte of the timer.
T2CMP (0x94) – Timer 2 Compare Value
Bit
Name
Reset
R/W
Description
7:0
CMP[7:0]
0x00
R/W
Timer Compare value. A timer compare occurs when the compare
source selected by T2CNF.CMSEL equals the value held in CMP.
T2OF2 (0xA3) – Timer 2 Overflow Count 2
Bit
Name
Reset
R/W
Description
7:4
-
0000
R0
Not used, read as 0
3:0
OF2[3:0]
0x00
R/W
Overflow count. High bits T2OF[19:16]. T2OF is incremented by 1
each time the timer overflows i.e. timer counts to a value greater or
equal to period. When reading this register, the value read is the value
latched when T2OF0 was read. Writing to this register when the timer is
in IDLE or RUN states will force the overflow count to be set to the
value written to T2OF2:T2OF1:T2OF0. If the count would otherwise be
incremented by 1 when this register is written then 1 is added to the
value written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com