Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 116 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 116 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 112Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 113Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 114Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 115Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 116Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 117Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 118Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 119Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 116 of 232
T2PEROF2 (0x9E) – Timer 2 Overflow Capture/Compare 2
Bit
Name
Reset
R/W
Description
7
CMPIM
0
R/W
Compare interrupt mask.
0: No interrupt is generated on compare event
1: Interrupt is generated on compare event.
6
PERIM
0
R/W
Overflow interrupt mask
0: No interrupt is generated on timer overflow
1: Interrupt is generated on timer overflow
5
OFCMPIM
0
R/W
Overflow count compare interrupt mask
0: No interrupt is generated on overflow count compare
1: Interrupt is generated on overflow count compare
4
-
0
R0
Not used, read as 0
3:0
PEROF2[3:0]
0000
R/W
Overflow count capture/Overflow count compare value. Writing these
bits set the high bits [19:16] of the overflow count compare value.
Reading these bits returns the high bits [19:16] of the overflow count
value at the time of the last capture event.
T2PEROF1 (0x9D) – Timer 2 Overflow Capture/Compare 1
Bit
Name
Reset
R/W
Description
7:0
PEROF1[7:0]
0x00
R/W
Overflow count capture /Overflow count compare value. Writing these
bits set the middle bits [15:8] of the overflow count compare value.
Reading these bits returns the middle bits [15:8] of the overflow count
value at the time of the last capture event.
T2PEROF0 (0x9C) – Timer 2 Overflow Capture/Compare 0
Bit
Name
Reset
R/W
Description
7:0
PEROF0[7:0]
0x00
R/W
Overflow count capture /Overflow count compare value. Writing these
bits set the low bits [7:0] of the overflow count compare value. Reading
these bits returns the low bits [7:0] of the overflow count value at the
time of the last capture event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com