Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 159 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 159 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 155Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 156Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 157Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 159Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 160Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 161Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 162Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 159 of 232
13.14.1.2 CPU Flash Write
The CPU can also write directly to the
flash. The CPU writes data to the Flash
Write Data register, FWDATA. The flash
memory is written each time four bytes
have been written to FWDATA. The CPU
can poll the FCTL.SWBSY status to
determine when the flash is ready for four
more bytes to be written to FWDATA
Performing flash write from XDATA
The steps required to start a flash write
operation from XDATA are shown in
Figure 35 on page 159.
Disable interrupts
BUSY=1?
Setup FCTL, FWT,
FADDRH, FADDRL
Write FWDATA
NO
YES
; Write 32-bit word from XDATA
; Assumes 32 MHz system clock is used
;
CLR
EA
;mask interrupts
C1:
MOV
A,FCTL
;wait until flash controller is ready
JB
ACC.7,C1
MOV
FADDRH,#00h
;setup flash address high
MOV
FADDRL,#01h
;setup flash address low
MOV
FWT,#2Ah
;setup flash timing
MOV
FCTL,#02h
;set flash page write
MOV
FWDATA,#12h
;first byte
MOV
FWDATA,#34h
;second byte
MOV
FWDATA,#56h
;third byte
MOV
FWDATA,#78h
;fourth byte, initiates write
Figure 35: Flash write performed from XDATA
13.14.2 Flash Page Erase
A page erase is initiated by setting
FCTL.ERASE to 1. The page addressed
by FADDRH[6:1] is erased when a page
erase is initiated. Note that if a page erase
is initiated simultaneously with a page
write, i.e. FCTL.WRITE is set to 1, the
page erase will be performed before the
page write operation. The FCTL.BUSY bit
can be polled to see when the page erase
has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com