Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 161 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 161 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 157Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 159Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 160Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 161Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 162Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 163Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 164Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 161 of 232
Table 40: Flash Lock Protection Bits Definition
Bit
Name
Description
7:5
-
Reserved, write as 0
Boot Block Lock
0
Page 0 is write protected
4
BBLOCK
1
Page 0 is writeable, unless LSIZE is 000
Lock Size. Sets the size of the upper Flash area which is write-
protected. Byte sizes and page number are listed below
000
128k bytes (All pages) CC2430-F128 only
001
64k bytes (page 32 - 63) CC2430-F64/128 only
010
32k bytes (page 48 - 63)
011
16k bytes (page 56 - 63)
100
8k bytes (page 60 - 63)
101
4k bytes (page 62 - 63)
110
2k bytes (page 63)
3:1
LSIZE[2:0]
111
0k bytes (no pages)
Debug lock bit
0
Disable debug commands
0
DBGLOCK
1
Enable debug commands
13.14.4 Flash Write Timing
The Flash Controller contains a timing
generator, which controls the timing
sequence of flash write and erase
operations. The timing generator uses the
information set in the Flash Write Timing
register, FWT.FWT[5:0], to set the
internal timing. FWT.FWT[5:0] must be
set to a value according to the currently
selected CPU clock frequency.
The value set in the FWT.FWT[5:0] shall
be set according to the CPU clock
frequency by the following equation.
9
10
*
16
21000
CPU
F
FWT
∗
=
FCPU is the CPU clock frequency. The
initial value held in FWT.FWT[5:0] after a
reset is 0x2A which corresponds to 32
MHz CPU clock frequency.
The FWT values for the 16 MHz and 32
MHz CPU clock frequencies are given in
Table 41.
CPU clock
frequency (MHz)
FWT
16
0x15
32
0x2A
Table 41: Flash timing (FWT) values
13.14.5 Flash DMA trigger
The Flash DMA trigger is activated when
flash data written to the FWDATA register
has been written to the specified location
in the flash memory, thus indicating that
the flash controller is ready to accept new
data to be written to FWDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com