Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 166 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 166 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 162Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 163Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 164Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 165Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 166Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 167Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 168Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 166 of 232
1
01
0
11
0
1
I-phase
Q-phase
1
00
1
10
0
1
0
00
11
0
0
1
0
11
00
1
0
1
T
C
2T
C
Figure 39: I / Q Phases when transmitting a zero-symbol chip sequence, TC = 0.5 µs
14.2 Command strobes
The CPU uses a set of command strobes
to control operation of the radio in
CC2430.
Command strobes may be viewed as
single byte instructions which each control
some function of the radio. These
command strobes must be used to enable
the frequency synthesizer, enable receive
mode, enable transmit mode and other
functions.
A total of nine command strobes are
defined for the radio and these can be
written individually to the radio or they can
be given in a sequence together with a set
of dedicated software instructions making
up a simple program. All command strobes
from the CPU to the radio pass through
the
CSMA-CA/Command
Strobe
Processor (CSP). Detailed description
about the CSP and how command strobes
are used is given in section 14.34 on page
189.
14.3 RF Registers
The operation of the radio is configured
through a set of RF registers. These RF
registers are mapped to XDATA memory
space as shown in
Figure 13 on page 38.
The RF registers also provide status
information from the radio.
The RF registers control/status bits are
referred to where appropriate in the
following sections while section 14.35 on
page 203 gives a full description of all RF
registers.
14.4 Interrupts
The radio is associated with two interrupt
vectors on the CPU. These are the
RFERR interrupt (interrupt 0) and the RF
interrupt (interrupt 12) with the following
functions
•
RFERR : TXFIFO underflow, RXFIFO
overflow
•
RF : all other RF interrupts given by
RFIF interrupt flags
The RF interrupt vector combines the
interrupts in RFIF shown on page 168.
Note that these RF interrupts are rising-
edge triggered. Thus an interrupt is
generated when e.g. the SFD status flag
goes from 0 to 1.
The RF interrupt can also be used to
trigger a timer capture in Timer 1.
The RFIF interrupt flags are described in
the next section.
14.4.1 Interrupt registers
Two of the main interrupt control SFR
registers are used to enable the RF and
RFERR
interrupts.
These
are
the
following:
•
RFERR
: IEN0.RFERRIE
•
RF
: IEN2.RFIE
Two main interrupt flag SFR registers hold
the RF and RFERR interrupt flags. These
are the following:
•
RFERR
: TCON.RFERR
•
RF
: S1CON.RFIF
Refer to section 12.7 on page 52 for
details about the interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com