Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 167 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 167 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 163Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 164Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 165Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 166Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 167Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 168Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 169Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 170Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 167 of 232
The RF interrupt is the combined interrupt
from eight different sources in the radio.
Two SFR registers are used for setting the
eight individual RFIF radio interrupt flags
and interrupt enables. These are the RFIF
and RFIM registers.
The interrupt flags in SFR register RFIF
show the status for each interrupt source
for the RF interrupt vector.
The interrupt enable bits in RFIM are used
to disable individual interrupt sources for
the RF interrupt vector. Note that masking
an interrupt source in RFIM does not affect
the update of the status in the RFIF
register.
Due to the use of the individual interrupt
masks in RFIM, and the main interrupt
mask for the RF interrupt given by
IEN2.RFIE there is two-layered masking
of this interrupt. Special attention needs to
be taken when processing this type of
interrupt as described below.
To clear the RF interrupt, S1CON.RFIF
and the interrupt flag in RFIF need to be
cleared. The order and method of doing
this is shown in Figure 40. Note that
S1CON is cleared after RFIF, otherwise
S1CON.RFIF could be set once again due
to the same interrupt.
MOV
RFIF,#00h
;clear all interrupt flags
MOV
S1CON,#00h
;clear main interrupt flags
MOV
RFIM,RFIM
;set interrupt mask
Figure 40: Clearing RF Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com