Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 195 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 195 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 191Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 192Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 193Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 194Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 195Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 196Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 197Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 198Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 195 of 232
14.34.8.6 INT
Function:
Interrupt.
Description:
The
interrupt
IRQ_CSP_INT is asserted when this
instruction is executed.
Operation:
IRQ_CSP_INT=1
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
0
0
1
14.34.8.7 WAITX
Function:
Wait for X MAC Timer
overflows
Description:
Wait until MAC Timer
overflows the number of times equal to
register X. The contents of register X is
decremented each time a MAC Timer
overflow is detected. Program execution
continues with the next instruction and the
interrupt flag IRQ_CSP_WT is asserted
when the wait condition is true.
Operation:
X := X-1 when MAC Timer overflow = true
PC := PC while number of MAC Timer
overflow = true < X
PC := PC+1 when number of MAC Timer
overflow = true = X
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
0
1
1
14.34.8.8 WAIT W
Function:
Wait for W MAC Timer
overflows
Description:
Wait until MAC Timer
overflows number of times equal to value
W. If W=0 the instruction will wait for 32
overflows. Program execution continues
with the next instruction and the interrupt
flag IRQ_CSP_WT is asserted when the
wait condition is true.
Operation:
PC := PC while number of MAC Timer
overflow = true < W
PC := PC+1 when number of MAC Timer
overflow = true = W
Opcode:
7
6
5
4
3
2
1
0
1
0
0
W
14.34.8.9 WEVENT
Function:
Wait until MAC Timer
compare
Description:
Wait until next MAC Timer
compare. Program execution continues
with the next instruction when the wait
condition is true.
Operation:
PC := PC while MAC Timer compare =
false
PC := PC+1 when MAC Timer compare =
true
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com