Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64 Datasheet(PDF) 196 Page - Texas Instruments

Part # CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Datasheet(HTML) 196 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 192Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 193Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 194Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 195Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 196Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 197Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 198Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 199Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 196 of 232
14.34.8.10
LABEL
Function:
Set loop label
Description:
Sets next instruction as
start of loop. If the current instruction is the
last instruction in the instruction memory
then the current PC is set as start of loop.
Only one level of loops is supported.
Operation:
LABEL := PC+1
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
0
1
0
14.34.8.11
RPT C
Function:
Conditional repeat
Description:
If condition C is true then
jump to instruction defined by last LABEL
instruction, i.e. jump to start of loop. If the
condition is false or if a LABEL instruction
has not been executed, then execution will
continue
from
next
instruction.
The
condition C may be negated by setting
N=1 and is described in the table below.
Condition
code C
Description
Function
000
CCA is true
CCA=1
001
Receiving
packet
SFD =1
010
CPU control
true
CSPCTRL.CPU_CTRL=1
011
End of
instruction
memory
PC=23
100
Register X=0
X=0
101
Register Y=0
Y=0
110
Register Z=0
Z=0
111
Not used
-
Operation:
PC := LABEL when (C xor N)=true
PC := PC+1 when (C xor N) =false or
LABEL=not set
Opcode:
7
6
5
4
3
2
1
0
1
0
1
0
N
C
14.34.8.12
SKIP S, C
Function:
Conditional
skip
instruction
Description:
If condition C is true then
skip S instructions. The condition C may
be negated (N=1) and is described in the
table below (note same conditions as RPT
C instruction).
Condition
code C
Description
Function
000
CCA is true
CCA=1
001
Receiving
packet
SFD =1
010
CPU control
true
CSPCTRL.CPU_CTRL =1
011
End of
instruction
memory
PC=23
100
Register X=0
X=0
101
Register Y=0
Y=0
110
Register Z=0
Z=0
111
Not used
-
Operation:
PC := PC+S+1 when (C xor N)=true
PC := PC+1 when (C xor N)=false
Opcode:
7
6
5
4
3
2
1
0
0
S
N
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com