Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512A Datasheet(PDF) 19 Page - Microchip Technology

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512A Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB2512A Datasheet HTML 15Page - Microchip Technology USB2512A Datasheet HTML 16Page - Microchip Technology USB2512A Datasheet HTML 17Page - Microchip Technology USB2512A Datasheet HTML 18Page - Microchip Technology USB2512A Datasheet HTML 19Page - Microchip Technology USB2512A Datasheet HTML 20Page - Microchip Technology USB2512A Datasheet HTML 21Page - Microchip Technology USB2512A Datasheet HTML 22Page - Microchip Technology USB2512A Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 19
USB251xB/xBi
5.0
INITIAL INTERFACE/CONFIGURATION OPTIONS
The hub must be configured in order to correctly function when attached to a USB host controller. The hub can be con-
figured either internally or externally by setting the CFG_SEL[1:0] pins (immediately after RESET_N negation) as out-
lined in the table below.
To configure the hub externally, there are two principal ways to interface to the hub: over SMBus or I2C EEPROM. The
hub can be configured internally, where several default configurations are available as described in the table below.
When configured internally, additional configuration is available using the strap options (listed in Section 3.3.1 on page
14).
5.1
Internal Register Set (Common to I2C EEPROM and SMBus)
The register set available when configuring the hub to interface over I2C or SMBus is outlined in the table below. Each
register has R/W capability, where EEPROM reset values are 0x00. Reserved registers should be written to 0 unless
otherwise specified. Contents read from unavailable registers should be ignored.
Note:
See Chapter 11 (Hub Specification) of the USB specification for general details regarding hub operation
and functionality.
Note:
Strap options are not available when configuring the hub over I2C or SMBus.
TABLE 5-1:
INITIAL INTERFACE/CONFIGURATION OPTIONS
CFG_SEL[1]
CFG_SEL[0]
Description
0
0
Default configuration:
• Strap options enabled
• Self-powered operation enabled
• Individual power switching
• Individual over-current sensing
0
1
The hub is configured externally over SMBus (as an SMBus slave
device):
• Strap options disabled
• All registers configured over SMBus
1
0
Default configuration with the following overrides:
• Bus-powered operation
1
1
The hub is configured over 2-wire I2C EEPROM:
• Strap options disabled
• All registers configured by I2C EEPROM
Address
Register Name
Default ROM Values
(Hexidecimal)
00h
Vendor ID LSB
24
01h
Vendor ID MSB
04
02h
Product ID LSB
12
13
14
03h
Product ID MSB
25
04h
Device ID LSB
B3
05h
Device ID MSB
0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com