Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512A Datasheet(PDF) 47 Page - Microchip Technology

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512A Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB2512A Datasheet HTML 43Page - Microchip Technology USB2512A Datasheet HTML 44Page - Microchip Technology USB2512A Datasheet HTML 45Page - Microchip Technology USB2512A Datasheet HTML 46Page - Microchip Technology USB2512A Datasheet HTML 47Page - Microchip Technology USB2512A Datasheet HTML 48Page - Microchip Technology USB2512A Datasheet HTML 49Page - Microchip Technology USB2512A Datasheet HTML 50Page - Microchip Technology USB2512A Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 47
USB251xB/xBi
8.2
36-Pin QFN (Legacy)
*
Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend:
x
USB251xB version (2 = 2-port, 3 = 3-port, 4 = 4-port)
i
Temperature range designator: (Blank = commercial, i = industrial)
R
Product revision
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
A2P10 Internal code
NNN
Alphanumeric traceability code
A
Fixed character
V
Plant of assembly
COO
Country of origin
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
Example
PIN 1
USB251xBi
RYYWW-A2P10
YWWNNNA
VCOO
e3
PIN 1
USB2514Bi
D1501-A2P10
501123A
ASETW
e3
36-Lead QFN (6x6x0.9 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com