Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512A Datasheet(PDF) 41 Page - Microchip Technology

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512A Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB2512A Datasheet HTML 37Page - Microchip Technology USB2512A Datasheet HTML 38Page - Microchip Technology USB2512A Datasheet HTML 39Page - Microchip Technology USB2512A Datasheet HTML 40Page - Microchip Technology USB2512A Datasheet HTML 41Page - Microchip Technology USB2512A Datasheet HTML 42Page - Microchip Technology USB2512A Datasheet HTML 43Page - Microchip Technology USB2512A Datasheet HTML 44Page - Microchip Technology USB2512A Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 41
USB251xB/xBi
Note 6-3
Output leakage is measured with the current pins in high impedance.
Note 6-4
See USB 2.0 Specification [1] for USB DC electrical characteristics.
O12, I/O12 & I/OSD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA @
VDD33 = 3.3 V
High Output Level
VOH
2.4
V
IOH = -12 mA @
VDD33 = 3.3 V
Output Leakage
IOL
-10
+10
A
Hysteresis (SD pad only)
IHYSC
250
350
mV
VIN = VDD33
(Note 6-1)
TABLE 6-2:
SUPPLY CURRENT UNCONFIGURED: HI-SPEED HOST (ICCINTHS)
Part
MIN
TYP
MAX
Units
Comments
USB2512B/12Bi
40
45
mA
USB2513B/13Bi
40
45
mA
USB2514B/14Bi
45
50
mA
TABLE 6-3:
SUPPLY CURRENT UNCONFIGURED: FULL-SPEED HOST (ICCINTFS)
Part
MIN
TYP
MAX
Units
Comments
USB2512B/12Bi
35
40
mA
USB2513B/13Bi
35
40
mA
USB2514B/14Bi
35
40
mA
TABLE 6-4:
SUPPLY CURRENT CONFIGURED: HI-SPEED HOST (IHCH1)
Part
MIN
TYP
MAX
Units
Comments
USB2512B
60
65
mA
This is the base current
of one downstream port.
USB2512Bi
60
70
mA
USB2513B
65
70
mA
USB2513Bi
65
75
mA
USB2514B
70
80
mA
USB2514Bi
70
85
mA
USB251xB/xBi
Supply Current Configured
Hi-Speed Host, each additional downstream port
1 port
base
+
25 mA
1 port
base
+
25 mA
mA
TABLE 6-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com