Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512A Datasheet(PDF) 39 Page - Microchip Technology

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512A Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB2512A Datasheet HTML 35Page - Microchip Technology USB2512A Datasheet HTML 36Page - Microchip Technology USB2512A Datasheet HTML 37Page - Microchip Technology USB2512A Datasheet HTML 38Page - Microchip Technology USB2512A Datasheet HTML 39Page - Microchip Technology USB2512A Datasheet HTML 40Page - Microchip Technology USB2512A Datasheet HTML 41Page - Microchip Technology USB2512A Datasheet HTML 42Page - Microchip Technology USB2512A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 39
USB251xB/xBi
6.0
DC PARAMETERS
6.1
Maximum Ratings
6.2
Operating Conditions
Parameter
Symbol
MIN
MAX
Units
Comments
Storage
Temperature
TSTOR
-55
150
°C
Lead
Temperature
Refer to JEDEC Specification J-STD-
020D
[5]
3.3 V supply
voltage
VDD33
VDDA33
4.6
V
Applies to all packages
Voltage on any
I/O pin
-0.5
5.5
V
Voltage on
XTALIN
-0.5
4.0
V
Voltage on
XTALOUT
-0.5
2.5
V
Note 6-1
• Stresses above the specified parameters could cause permanent damage to the device. This is a stress rating
only. Therefore, functional operation of the device at any condition above those indicated in the operation sec-
tions of this specification are not implied.
• When powering this device from laboratory or system power supplies, it is important that the absolute maximum
ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their outputs
when the AC power is switched on or off. In addition, voltage transients on the AC power line may appear on the
DC output. When this possibility exists, it is suggested that a clamp circuit be used.
Parameter
Symbol
MIN
MAX
Units
Comments
Extended Commercial
Operating Temperature
TAE
0
85
°C
Ambient temperature in still air
Industrial
Operating Temperature
TAI
-40
85
°C
Ambient temperature in still air
Only applies to USB251xBi products
3.3 V supply voltage
VDD33
VDDA33
3.0
3.6
V
Applies to all parts
3.3 V supply rise time
tRT33
0400
sSee Figure 6-1 and Note 6-2
Voltage on any I/O pin
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX
becomes:
(3.3 V supply voltage) + 0.5
Voltage on XTALIN
-0.3
VDD33
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com