Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512A Datasheet(PDF) 52 Page - Microchip Technology

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512A Datasheet(HTML) 52 Page - Microchip Technology

Back Button USB2512A Datasheet HTML 48Page - Microchip Technology USB2512A Datasheet HTML 49Page - Microchip Technology USB2512A Datasheet HTML 50Page - Microchip Technology USB2512A Datasheet HTML 51Page - Microchip Technology USB2512A Datasheet HTML 52Page - Microchip Technology USB2512A Datasheet HTML 53Page - Microchip Technology USB2512A Datasheet HTML 54Page - Microchip Technology USB2512A Datasheet HTML 55Page - Microchip Technology USB2512A Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
USB251xB/xBi
DS00001692C-page 52
 2010 - 2015 Microchip Technology Inc.
APPENDIX C:
DATA SHEET REVISION HISTORY
TABLE C-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00001692C
(10-20-15)
Product Identification System
PIS ordering code information for preferred
package corrected to align with current Microchip
standard practices.
Section 8.0, "Package Marking
Information"
Top marking diagrams corrected to be consistent
with internal specifications and current physical
part markings.
DS00001692B
(08-12-15)
All
Added new 36-SQFN package option information
(drawings, ordering codes, top markings, etc.)
Cover, Product Identification
System
Updated document with new ordering section.
Removed previous ordering section from cover.
Section 8.0, "Package Marking
Information"
Added new package marking chapter.
REV A
REV A replaces previous SMSC version Rev. 2.4 (11-08-13).
Document is Microchip branded, mention of SMSC is removed.
Order numbers modified adding “G” or “C” as last character to suffix.
The following note added to Package Outline chapter:
“For the most current package drawings, see the Microchip Packaging Specification
at http://www.microchip.com/packaging.”
Rev. 2.4 (11-08-13)
Section 5.2.1, "I2C Slave
Address"
Corrected slave address to “1010000b”.
Figure 3-1, Figure 3-2,
Figure 3-3, Table 3-1
Corrected pin 36 name (VDDA33).
Section 5.5.1.1, "RESET_N for
Strapping Option
Configuration"
Updated timing diagram and values. Changed t6,
t7, t8 name and added new t9. Updated t5 and 78
values.
Section 5.5.1.2, "RESET_N for
EEPROM Configuration"
Updated timing diagram and values. Changed t7,
t8, and t9 name and added new t10. Updated t5,
t6, and t9 values.
Section 5.5.1.3, "RESET_N for
SMBus Slave Configuration"
Updated timing diagram and values. Changed t7,
t8, and t9 name and added new t10. Updated t5,
t6, and t9 values. Removed t5 “bus” and “self”
distinction.
Note 6-2
Added note regarding 3.3 V supply rise time.
Rev. 2.3 (06-11-13)
Table 3-1, “USB251xB/xBi Pin
List (Alphabetical),” on
page 10
Corrected errant description “Server Message
Block” to “System Management Bus”.
Section 7.1,
"Oscillator/Crystal," on
page 44 and FIGURE 7-1:
Typical Crystal Circuit on
page 44
Updated figure to remove external 1 M
requirement. Added note indicating the device
includes and internal1 M
 resistor between the
XTALIN and XTALOUT pins.
FIGURE 3-3: USB2514B Pin
Diagram on page 9
Corrected typo on pin 6.
FIGURE 3-1: USB2512B Pin
Diagram on page 7 & Table 3-
1, “USB251xB/xBi Pin List
(Alphabetical),” on page 10
Added alternate port disable functions to pins 1-4
of the USB2512B.
Rev. 2.2 (02-17-12)
Cover
Updated clock bullet to remove reference to 48MHz
clock support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com