Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2512A Datasheet(PDF) 40 Page - Microchip Technology

Part # USB2512A
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512A Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB2512A Datasheet HTML 36Page - Microchip Technology USB2512A Datasheet HTML 37Page - Microchip Technology USB2512A Datasheet HTML 38Page - Microchip Technology USB2512A Datasheet HTML 39Page - Microchip Technology USB2512A Datasheet HTML 40Page - Microchip Technology USB2512A Datasheet HTML 41Page - Microchip Technology USB2512A Datasheet HTML 42Page - Microchip Technology USB2512A Datasheet HTML 43Page - Microchip Technology USB2512A Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
USB251xB/xBi
DS00001692C-page 40
 2010 - 2015 Microchip Technology Inc.
Note 6-2
The rise time for the 3.3 V supply can be extended to 100 ms max if RESET_N is actively driven
low, typically by another IC, until 1
s after all supplies are within operating range.
FIGURE 6-1:
SUPPLY RISE TIME MODEL
TABLE 6-1:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
I, IS Type Input Buffer
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
Input Leakage
IIL
-10
+10
AV
IN = 0 to VDD33
Hysteresis (IS only)
VHYSI
250
350
mV
Input Buffer with Pull-Up (IPU)
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
Low Input Leakage
IILL
+35
+90
AV
IN = 0
High Input Leakage
IIHL
-10
+10
AV
IN = VDD33
Input Buffer with Pull-Down (IPD)
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
Low Input Leakage
IILL
+10
-10
AV
IN = 0
High Input Leakage
IIHL
-35
-90
AV
IN = VDD33
USB251xB/xBi
ICLK Input Buffer
Low Input Level
VILCK
0.3
V
High Input Level
VIHCK
0.9
V
Input Leakage
IIL
-10
+10
AV
IN = 0 to VDD33
t10%
10%
90%
Voltage
tRT33
t90%
Time
100%
3.3 V
VSS
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com