Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
A22NE-PD
6
Characteristics
*1. State when an LED is not added between terminals of the same polarity on a lighting unit.
*2. With no icing or condensation.
*3. Capable of operation at up to 80°C under IP@9K testing conditions per JIS D 5020.
*4. The degree of protection from the front of the panel.
Operating Characteristics
* Rotation torque value.
Operation
Turn-reset
Pull-reset
Non-lighted model
Lighted Model
Non-lighted model
Non-lighted model
(Models with IP69K)
Item
A22NE-
@-PD@@-N-@
A22NE-M-PD
@@-C-@
A22NE-MP-PD
@@-N-@ A22NE-MP-PD@@-N-69K
Allowableoperating
frequency
Mechanical
30
operations/minute or less (One operation consists of set and reset operations.)
Electrical
30
operations/minute or less (One operation consists of set and reset operations.)
Insulation resistance *1
100 M
Ω min. (at 500 VDC)
Contact resistance
100 m
Ω max. (initial value)
Dielectric
strength
Between
terminals of
same polarity*1
2,000 VAC, 50/60 Hz 1 minute (initial value)
Between
terminals of
different polarity
2,000 VAC, 50/60 Hz 1 minute (initial value)
Between each
terminal and
ground
2,000 VAC, 50/60 Hz 1 minute (initial value)
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5 mm double amplitude (contact separation within 1 ms)
Shock
resistance
Malfunction
250 m/s2 max. (contact separation within 1 ms)
Durability
Mechanical
300,000 operations min. (One operation consists of set and reset operations.)
100,000 operations min.
(One operation consists of
set and reset operations.)
Electrical
(100 mA at 24
VAC(Resistive
load))
250,000 operations min. (One operation consists of set and reset operations.)
100,000 operations min.
(One operation consists of
set and reset operations.)
Electrical
(3 mA at 250
VAC(Resistive
load))
100,000 operations min. (One operation consists of set and reset operations.)
Ambient operating temperature *2 -20 to +70°C
-20 to +55°C
-20 to +70°C
-20 to +70°C
*3
Ambient operating humidity
35 to 85% RH
Ambient storage temperature *2
-40 to +70°C
Degree of protection *
4
IP65 oil-resistant models IP65
IP65 oil-resistant models IP69K
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (EN 60947-5-1)
Minimum direct opening stroke 11 mm
Minimum direct opening force
45 N
Conditional short-circuit current
100 A (EN 60947-5-1)
Wight (for a 40-dia. head
2NC/2NO Operation Unit)
Approx. 95 g
Approx. 95 g
Approx. 125 g
Approx. 135 g
Item
Turn-reset
Pull-reset
Lighted / non-lighted models
Non-lighted model
Non-lighted model
(Models with IP69K)
Total travel force (TTF)
45 N max.
60 N max.
70 N max.
Return force (RF)
0.25N·m max.
*
60 N max.
70 N max.
Total travel (TT)
10 ±1 mm
5.5 ±1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com