Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) Push-in Plus Terminal Block Models
With Lock detection
A22NE-PD
Install in 22-dia. or 25-dia. Panel Cutout
(When Using a Ring)
• Push-in plus terminals greatly reduce wiring effort and provide
vibration resistant connections.
• A maximum of up to four contact points can be combined
together in the contact-point configuration.
• Oil-resistant to IP65 (non-lighted models) / IP65 (lighted
models) / IP69K high-temperature, high-pressure cleaning
(pull-reset models).
• Lock Detection function disconnects circuit when the switch
lock lever becomes unlocked from damage or improper
installation.
Model Number Structure
Model Number Legend (Completely Assembled)........Shipped as a set which includes the Operation Unit, LED
Lamp (lighted models only), and Switch Block.
Be sure to read the "Safety Precautions" on pages 12 and 56.
For the most recent information on models that have been
certified for safety standards, refer to your OMRON website.
2. Reset function
1. Operation Unit size (diameter)
A22NE-
4. Lock lever function
Code
Description
D
Lock-lever-linked contact function
Code
Description
S
30 dia.
M40 dia.
L60 dia.
Code
Description
None
Turn-reset
P
Pull-reset
*
* The pull-reset type is only available on the 40 dia.
Operation Unit, non-lighted type.
Not available on lighted types.
7. Others (Degree of Protection)
None
69K
* IP69K is supported only by the Pull-reset models.
IP65
IP69K
*
6. LED lamp voltage
N
* Lighting color is red.
C
24 VAC/VDC
PD
-
-
-
67
5
4
2
13
3. Terminal specification
Code
Description
P
Push-in plus terminal block
Code
Description
Description
Non-lighted
Code
1
1
2
3
1
2
2
3
4
5. Contacts
01
0
0
1
0
2
1
1
2
0
one contact
02
11
03
21
12
22
13
04
two contacts
three contacts
four contacts
NO
Contacts
NC
Code
Note. NO: 1a-contact NC: 1b-contact
Number of
Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com